Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H62FAG-R

  • AI
    ## Overview of the M3H62FAG-R The **M3H62FAG-R** is a high-performance N-channel power MOSFET manufactured by **Toshiba**. It belongs to their U-MOS IX-H series, specifically designed for high-efficiency power conversion in automotive and industrial applications. --- ### Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 60 V | Maximum voltage across drain and source. | | **Continuous Drain Current ($I_D$)** | 120 A | Max current flow at specified temperature. | | **Drain-Source On-Resistance ($R_{DS(ON)}$)** | 1.8 mΩ (Typ.) | Low resistance to minimize power loss. | | **Gate-Source Voltage ($V_{GSS}$)** | ±20 V | Operating voltage range for the gate. | | **Package Type** | SOP Advance | Compact, surface-mount package. | | **AEC-Q101 Qualified** | Yes | Suitable for automotive reliability standards. | --- ### Core Electronic Features #### 1. Low On-Resistance ($R_{DS(ON)}$) The device features an extremely low typical resistance of **1.8 mΩ** when turned on. This reduces conduction losses significantly, making it ideal for high-current applications where heat dissipation is a concern. #### 2. U-MOS IX-H Technology This MOSFET utilizes the 9th generation trench structure (U-MOS IX-H). This design optimizes the trade-off between: * **Conduction Loss:** Lower resistance. * **Switching Loss:** Lower gate charge ($Q_g$) for faster switching speeds. #### 3. High Thermal Performance The **SOP Advance** package is designed with a small footprint but high heat dissipation capabilities, allowing it to handle high current pulses without catastrophic failure. #### 4. Automotive Grade Because it is **AEC-Q101 qualified**, it is built to withstand harsh environments, including high vibrations and extreme temperature fluctuations common in vehicle electronics. --- ### Common Applications * **Automotive Power Management:** DC-DC converters, motor drivers (like power steering), and battery management systems (BMS). * **Switching Regulators:** Used in high-efficiency power supplies for servers and telecommunications. * **Load Switches:** Efficiently turning on/off high-current paths in industrial equipment. --- ### PIN Configuration (SOP Advance) ```text Top View +------------+ | 1 2 3 4 | 1, 2, 3: Source (S) | S S S G | 4: Gate (G) | | | Drain | Bottom / Exposed Pad: Drain (D) | (Pad) | +------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific switching characteristics (Total Gate Charge) of this MOSFET?
    • ⤷ Can this MOSFET be used in 48V automotive systems?
    • ⤷ What is the maximum junction temperature (Tj) allowed for this part?