Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H62FBD-R

  • AI
    The **M3H62FBD-R** belongs to the **TMC6200** family (specifically a variant often associated with Trinamic/Analog Devices motor control solutions). It is a high-voltage gate driver designed for three-phase BLDC (Brushless DC) motors or PMSM (Permanent Magnet Synchronous Motors). Below is a detailed breakdown of its electronic characteristics and functional blocks. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Type** | 3-Phase Gate Driver | | **Voltage Range** | Typically 8V to 60V DC | | **Drive Current** | Up to 0.5A or 1.5A (Peak) depending on gate charge | | **Interface** | SPI (for configuration and diagnostics) | | **Protection** | Short circuit, Over-temperature, Under-voltage | | **Package** | TQFP-48 (exposed die pad for thermal relief) | --- ### 2. Core Functional Components #### A. Triple Half-Bridge Gate Driver The chip contains six pre-drivers organized into three pairs. These are responsible for switching the external N-Channel MOSFETs that power the motor. * **High-Side Drivers:** Use a bootstrap capacitor architecture to generate the voltage necessary to turn on high-side MOSFETs. * **Low-Side Drivers:** Driven directly from the internal charge pump/regulator. #### B. Integrated Current Sense Amplifiers One of the standout features of this series is the inclusion of **three internal current sense amplifiers**. * They measure the voltage drop across shunt resistors in the low-side paths. * The output is typically analog, allowing a microcontroller's ADC to read the motor phase currents for FOC (Field Oriented Control). #### C. Charge Pump The internal charge pump allows for **100% Duty Cycle** operation. Unlike basic drivers that lose high-side gate voltage if the motor isn't switching, this part maintains gate voltage even when the motor is stalled or at full throttle. #### D. Programmable Protection Logic Through the SPI interface, the user can configure: * **Dead Time:** Prevents "shoot-through" (where both top and bottom FETs are on simultaneously). * **VDS Monitoring:** Detects if a MOSFET has shorted by monitoring the voltage across it while it is on. --- ### 3. Application Schematic Overview When designing with the M3H62FBD-R, the circuit usually consists of the following sections: ```mermaid graph LR MCU[Microcontroller] -- SPI/PWM --> M3H[M3H62FBD-R] M3H -- Gate Drive --> FETs[6x N-Channel MOSFETs] FETs -- Phases --> Motor((BLDC Motor)) Shunts[Shunt Resistors] -- Feedback --> M3H ``` ### 4. Typical Use Cases * **Robotics:** Actuators requiring high precision and torque control. * **Industrial Automation:** Pump and fan controllers. * **E-Mobility:** Small electric scooters or power-assisted bicycles. * **Medical:** High-reliability motor drives for surgical tools. ---
    ✨ Follow-up Questions
    • ⤷What are the specific SPI register settings for dead-time configuration?
    • ⤷ How does the VDS sensing mechanism protect the external MOSFETs?
    • ⤷ What is the maximum PWM frequency supported by this gate driver?