Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H62TCG-R

  • AI
    The **M3H62TCG-R** belongs to the **TVS (Transient Voltage Suppressor) Diode** family, specifically designed for high-speed data line protection. It is commonly utilized in automotive and industrial electronics to protect sensitive semiconductors from ESD (Electrostatic Discharge) and voltage surges. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the M3H62TCG-R: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Bidirectional TVS Diode | | **Reverse Standoff Voltage ($V_{RWM}$)** | 6.0 V (Typical) | | **Breakdown Voltage ($V_{BR}$)** | 6.4 V to 7.2 V | | **Clamping Voltage ($V_C$ @ $I_{PP}$)** | ~11 V | | **Peak Pulse Current ($I_{PP}$)** | 2.5 A to 3 A | | **Capacitance ($C_j$)** | Ultra-low (approx. 0.2 pF to 0.5 pF) | | **Package Type** | DFN or SOD-923 (Surface Mount) | --- ### 2. Functional Characteristics #### A. High-Speed Signal Integrity Because this part features **ultra-low junction capacitance**, it is ideal for protecting high-speed interfaces like USB 3.0/3.1, HDMI 2.0, and DisplayPort. Low capacitance ensures that the data signals are not distorted or "rounded" by the protection component. #### B. Bidirectional Protection The "Bidirectional" nature means the device can clamp voltage spikes in both positive and negative directions relative to ground. This is essential for signal lines that swing above and below a reference point. #### C. ESD Robustness It is typically rated for high levels of ESD protection, often meeting or exceeding: * **IEC 61000-4-2 (Air):** ±15 kV to ±20 kV * **IEC 61000-4-2 (Contact):** ±8 kV to ±15 kV --- ### 3. Common Applications * **Automotive Infotainment:** Protecting LVDS and HDMI ports in vehicle cabins. * **Computing:** USB Type-C and Thunderbolt port protection. * **Networking:** Protection for high-speed Ethernet physical layer (PHY) pins. * **Smartphones:** Protecting antenna switches and high-speed data buses. --- ### 4. Circuit Implementation In a typical circuit, the M3H62TCG-R is placed in parallel with the signal line it is protecting. ```mermaid graph LR A[Signal Source] --- B{Data Line} B --- C[Protected IC] B --- D[M3H62TCG-R] D --- E[Ground] ``` *When a surge occurs, the M3H62TCG-R enters a low-impedance state, shunting the excess current to ground before it can reach the "Protected IC".*
    ✨ Follow-up Questions
    • ⤷ What are the layout best practices for placing TVS diodes on a PCB?
    • ⤷ How does junction capacitance affect the maximum frequency of a data line?
    • ⤷ What is the difference between unidirectional and bidirectional TVS diodes in circuit design?