Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H64TAD-R

  • AI
    The **M3H64TAD-R** is a specific surface-mount power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) commonly used in automotive and industrial power management applications. It is manufactured by companies like **Renesas Electronics**. --- ### Technical Specifications Below are the primary electrical characteristics typically associated with this part: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | N-Channel | The transistor conducts when a positive voltage is applied to the gate. | | **Drain-Source Voltage ($V_{DSS}$)** | 60V | The maximum voltage the device can handle between Drain and Source. | | **Drain Current ($I_D$)** | ~60A to 80A | Continuous current capability (subject to thermal constraints). | | **RDS(on)** | Low (mΩ range) | Static drain-source on-state resistance, minimizing power loss. | | **Package** | TO-252 (DPAK) | Surface-mount package designed for heat dissipation. | | **AEC-Q101** | Qualified | Automotive grade reliability and testing standards. | --- ### Key Internal Components & Materials The M3H64TAD-R is comprised of several critical sub-elements: 1. **Silicon Die (MOSFET Structure):** The heart of the component where the N-channel switching occurs. It uses advanced trench technology to reduce resistance. 2. **Gate Oxide:** A thin layer of insulation (Silicon Dioxide) that allows voltage to control the current without direct flow between the gate and the channel. 3. **Lead Frame:** The internal copper structure that provides mechanical support and electrical connections to the pins. 4. **Bond Wires:** Heavy-gauge aluminum or gold wires that connect the silicon die to the external leads, capable of carrying high current. 5. **Molding Compound:** An epoxy resin that protects the internal die from moisture, mechanical shock, and environmental contaminants. --- ### Application Usage This part is typically found in circuits requiring high-speed switching and efficient power conversion: * **Motor Drives:** Used in H-bridge configurations for controlling DC motors. * **DC-DC Converters:** Acting as the primary switch in buck or boost regulators. * **Load Switches:** Turning high-current peripherals on or off via a microcontroller signal. * **Automotive Systems:** Electronic Power Steering (EPS), fuel injection drivers, and fan controllers. --- ### Pin Configuration (TO-252) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Gate (G)** | Controls the "on" and "off" state of the MOSFET. | | 2 / Tab | **Drain (D)** | Connected to the load; the metal tab also acts as a heat sink. | | 3 | **Source (S)** | Connected to the ground or the negative side of the load. |
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M3H64TAD-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What are the recommended thermal dissipation techniques for the DPAK package?