Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H64TAG-R

  • AI
    The **M3H64TAG-R** is a high-performance, automotive-grade microcontroller (MCU) belonging to the **Renesas RH850/F1KM-S1** series. It is specifically designed for body control modules (BCM), gateway applications, and functional safety systems in modern vehicles. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the M3H64TAG-R: | Parameter | Specification | | :--- | :--- | | **Core Architecture** | RH850 G3KH (32-bit RISC) | | **Operating Frequency** | Up to 120 MHz | | **Flash Memory (Code)** | 1 MB to 2 MB (depending on specific variant) | | **RAM** | 128 KB to 192 KB | | **Operating Voltage** | 3.0V to 5.5V | | **Package Type** | LQFP-100 (Low-profile Quad Flat Package) | | **Temperature Range** | -40°C to +125°C (Automotive Grade) | --- ### 2. Core Functional Blocks #### A. Memory & Security * **Flash Memory:** Utilizes high-endurance embedded flash for code storage and data flash for EEPROM emulation. * **ICU-S (Intelligent Cryptographic Unit):** Provides hardware-based security for secure booting, message authentication (CAN-FD security), and encryption. #### B. Connectivity & Communication This MCU is highly optimized for vehicle networking, featuring: * **CAN-FD (Flexible Data-rate):** Supports high-speed data transmission for complex vehicle bus systems. * **LIN (Local Interconnect Network):** For low-speed communication with peripheral sensors and actuators. * **SPI/I2C:** High-speed serial interfaces for inter-chip communication. #### C. Analog & Timing Units * **ADC:** Multi-channel 10-bit or 12-bit Analog-to-Digital Converters for sensor monitoring. * **PWM Timers:** Advanced timer units (TAU, GTM) for driving motors, LEDs, or solenoids. --- ### 3. Application Use Cases The M3H64TAG-R is typically integrated into the following automotive electronic systems: 1. **Body Control Modules (BCM):** Managing central locking, wipers, and interior lighting. 2. **HVAC Controllers:** Regulating climate control sensors and fan motors. 3. **Gateway Modules:** Acting as a bridge between different communication protocols (e.g., bridging LIN to CAN). 4. **Functional Safety:** Developed according to **ISO 26262** standards, making it suitable for ASIL-B or higher safety-critical applications. --- ### 4. Development Environment To program and debug the M3H64TAG-R, developers typically use: ```c // Example: Standard peripheral initialization (Conceptual) void Hardware_Init(void) { R_PORT_Init(); // Initialize GPIO Pins R_CANFD_Init(); // Configure CAN-FD for Automotive Bus R_ADC_Start(); // Start Analog monitoring } ``` * **Compiler:** IAR Embedded Workbench for RH850 or Renesas CC-RH. * **Debugger:** Renesas E2 or E2 Lite emulator.
    ✨ Follow-up Questions
    • ⤷ What are the specific ASIL safety ratings supported by the RH850/F1KM series?
    • ⤷ How does the ICU-S security module differ from standard software encryption?
    • ⤷ What are the power consumption characteristics of this MCU in deep sleep mode?