Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H65FBD-R

  • AI
    The **M3H65FBD-R** is a high-performance N-channel Silicon Carbide (SiC) MOSFET developed by **Rohm Semiconductor**. This component belongs to the 3rd Generation of SiC technology, designed specifically for high-efficiency power conversion in industrial and automotive applications. --- ## 1. Technical Specifications The following table highlights the primary electrical characteristics of the M3H65FBD-R: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 650 V | | **Continuous Drain Current** | $I_D$ | 93 A (at $T_c = 25^\circ C$) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 22 m$\Omega$ (Typ.) | | **Gate-Source Voltage Range** | $V_{GSS}$ | -4V to +22V | | **Total Gate Charge** | $Q_g$ | 125 nC | | **Maximum Junction Temperature** | $T_j$ | 175°C | | **Package Type** | - | TO-247-4L | --- ## 2. Key Features & Electronic Advantages ### A. 4-Pin Package (TO-247-4L) Unlike traditional 3-pin MOSFETs, this part features a **Driver Source terminal**. * **Inductance Reduction:** By separating the power source lead from the gate driver return path, it eliminates the effect of source inductance during high-speed switching. * **Lower Switching Loss:** This configuration allows for faster turn-on and turn-off times, significantly reducing energy dissipation. ### B. SiC (Silicon Carbide) Benefits * **Thermal Conductivity:** SiC conducts heat much better than standard Silicon, allowing for smaller heatsinks. * **High Frequency:** It can operate at higher switching frequencies, which allows for the use of smaller inductors and capacitors in the circuit. * **Low $R_{DS(on)}$ Temperature Coefficient:** The resistance increases less as the temperature rises compared to Silicon MOSFETs, maintaining efficiency at high loads. --- ## 3. Typical Applications The M3H65FBD-R is typically used in circuits requiring high density and high efficiency: 1. **EV Charging Stations:** DC-DC converters and onboard chargers (OBC). 2. **Solar Inverters:** Converting DC from panels to AC for the grid. 3. **Server Power Supplies:** Switching Mode Power Supplies (SMPS) for data centers. 4. **Uninterruptible Power Supplies (UPS):** High-speed switching for backup power. --- ## 4. Basic Circuit Implementation When integrating this MOSFET, the gate drive circuit must be carefully designed to handle the 4-pin configuration: ```cpp // Schematic Logic Representation Gate (Pin 1) -------- [Resistor] -------- PWM Controller Output Driver Source (Pin 2) ------------------- PWM Controller Ground (Kelvin) Drain (Pin 3) --------------------------- High Voltage Load Power Source (Pin 4) -------------------- Power Ground / Return Path ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the 4-pin TO-247 package compare to the standard 3-pin version in terms of efficiency?
    • ⤷ What are the recommended gate drive voltages for the M3H65FBD-R?
    • ⤷ What is the difference between Rohm's 3rd and 4th generation SiC MOSFETs?