Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H65TCG-R

  • AI
    The **M3H65TCG-R** is a high-performance power semiconductor, specifically a **Silicon Carbide (SiC) MOSFET** manufactured by **Toshiba**. It belongs to their 3rd Generation SiC MOSFET family, designed to offer high efficiency and high-speed switching for power conversion applications. --- ## 1. Technical Specifications Below are the primary electrical characteristics of the M3H65TCG-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 650 V | Maximum voltage the device can withstand. | | **Drain Current ($I_D$)** | 30 A | Continuous DC drain current at $T_c = 25^\circ C$. | | **On-Resistance ($R_{DS(ON)}$)** | 65 mΩ (Typ.) | Low resistance to minimize conduction loss. | | **Gate-Source Voltage ($V_{GSS}$)** | -10 V to +25 V | Recommended driving voltage. | | **Package Type** | TO-247-4L | 4-pin package with a Kelvin source connection. | --- ## 2. Key Features The M3H65TCG-R incorporates several architectural advantages over traditional Silicon (Si) MOSFETs: ### A. 4-Pin Kelvin Source Connection The "4L" in the package refers to an additional **Source Sense** pin. This separates the power path from the gate-drive path, significantly reducing the effect of source inductance. This allows for: - Faster switching speeds. - Reduced switching losses ($E_{on}$ and $E_{off}$). ### B. High Reliability - **Wide Bandgap Material:** SiC allows for higher temperature operation and better thermal conductivity compared to Silicon. - **Stable Threshold Voltage:** Toshiba's 3rd Gen technology focuses on maintaining a stable $V_{th}$ over the life of the component. ### C. Reduced Capacitance The device features low input and output capacitance ($C_{iss}$, $C_{oss}$), which facilitates high-frequency operation, allowing for smaller inductors and capacitors in the final circuit design. --- ## 3. Application Areas This component is typically found in high-efficiency power stages: 1. **Switch Mode Power Supplies (SMPS):** Used in high-end server and data center power units. 2. **EV Charging Stations:** DC-DC converters and AC-DC rectifiers for electric vehicles. 3. **Photovoltaic (Solar) Inverters:** Maximizing energy harvest from solar panels. 4. **Uninterruptible Power Supplies (UPS):** Ensuring high-density power backup. --- ## 4. Basic Circuit Symbol & Pinout ```text TO-247-4L Pinout: 1: Gate 2: Source (Sense - Kelvin) 3: Source (Power) 4: Drain (Tab) ```
    ✨ Follow-up Questions
    • ⤷How does the 4-pin Kelvin source connection improve switching efficiency compared to a standard 3-pin package?
    • ⤷ What are the recommended gate driver requirements for this SiC MOSFET?
    • ⤷ How does the RDS(ON) of this device change with temperature?