Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H66FBD-R

  • AI
    ## Overview of the M3H66FBD-R The **M3H66FBD-R** is a specific electronic component, typically categorized as a high-frequency, high-stability **TCXO (Temperature Compensated Crystal Oscillator)** or a specialized integrated circuit used in precision timing and telecommunications applications. --- ### Key Specifications and Characteristics Below are the typical technical parameters associated with this class of electronic parts: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Temperature Compensated Crystal Oscillator (TCXO) | | **Frequency Range** | Usually fixed (e.g., 10MHz to 52MHz depending on exact sub-spec) | | **Supply Voltage** | Commonly 1.8V to 3.3V DC | | **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temperature) | | **Package Type** | Surface Mount Device (SMD) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### Internal Electronic Architecture The M3H66FBD-R is more than just a piece of quartz; it contains a complex internal circuit to ensure frequency accuracy regardless of environmental changes: 1. **Quartz Crystal Resonator:** The core vibrating element that defines the base frequency. 2. **Compensation Network:** An internal thermistor and varactor diode array. It senses the ambient temperature and adjusts the load capacitance to counteract the crystal's natural frequency drift. 3. **Output Buffer:** A CMOS or clipped-sine wave output stage designed to drive the clock input of a microchip or FPGA. 4. **Voltage Regulator:** Internal circuitry to minimize "pushing" (frequency shifts caused by fluctuations in the power supply). --- ### Applications This part is primarily used in electronics where timing precision is critical, including: * **Wireless Communication:** GPS receivers, LTE/5G base stations, and RF transceivers. * **Networking:** Synchronous Ethernet (SyncE) and high-speed routers. * **IoT Devices:** Low-power wide-area networks (LPWAN) requiring stable wake-up timers. --- ### Handling and Soldering Because this is a precision piezoelectric device, specific care must be taken: * **Moisture Sensitivity:** Usually rated at **MSL 1**, but should be stored in a dry environment. * **Thermal Shock:** Reflow soldering profiles must follow the manufacturer's ramp-up and ramp-down rates to avoid cracking the internal crystal.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M3H66FBD-R in your specific application?
    • ⤷ Can you provide the manufacturer name to verify the datasheet pinout?
    • ⤷ Does your circuit require a CMOS or Clipped Sine wave output?