Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H68TAG-R

  • AI
    The **M3H68TAG-R** is a high-performance, automotive-grade microcontroller belonging to the **Renesas RH850/F1KM-S1** series. It is specifically designed for body control modules (BCM), gateway applications, and functional safety systems in vehicles. --- ### ## Core Technical Specifications The M3H68TAG-R is built on a 32-bit RISC architecture optimized for low power consumption and high processing speeds. | Feature | Specification | | :--- | :--- | | **CPU Core** | RH850 G3KH (32-bit RISC) | | **Max Frequency** | Up to 120 MHz | | **Program Flash Memory** | 1 MB to 2 MB (Variant dependent) | | **Data Flash** | 32 KB to 64 KB | | **RAM** | 128 KB to 192 KB | | **Operating Voltage** | 3.0V to 5.5V | | **Operating Temperature** | -40°C to +125°C (AEC-Q100 Qualified) | --- ### ## Key Electronic Components & Subsystems The internal electronic architecture is divided into several critical blocks: #### 1. Communication Interfaces This part is heavily geared towards vehicle networking: * **CAN FD:** Supports Controller Area Network with Flexible Data-rate for high-speed communication. * **LIN:** Local Interconnect Network for low-cost communication with sensors/actuators. * **SPI/I2C:** Standard serial interfaces for interacting with onboard EEPROMs or sensors. #### 2. Functional Safety (ISO 26262) The "R" suffix often denotes specific safety features. It includes: * **ECC (Error Correction Code):** Monitors and corrects single-bit failures in RAM and Flash memory. * **Lockstep Capability:** Dual cores running the same code to detect hardware faults (depending on specific sub-package). * **BIST (Built-In Self Test):** Hardware mechanisms to check the health of logic and memory at startup. #### 3. Power Management Designed for automotive "Always-On" requirements: * **Deep Stop/Standby Modes:** Reduces current draw to micro-amp levels while maintaining memory state. * **LVI (Low Voltage Indicator):** Triggers a reset or interrupt if the supply voltage drops below a safe threshold. --- ### ## Pin Configuration & Physical Characteristics The **TAG** suffix refers to the specific package type, usually a **QFP (Quad Flat Package)**. ```c // Example of accessing a GPIO Pin on RH850 (Conceptual) void init_port() { PM0 &= ~(1 << 1); // Set Port 0, Pin 1 as Output P0 |= (1 << 1); // Set Pin 1 to High } ``` --- ### ## Common Use Cases 1. **Body Control Modules (BCM):** Managing lights, wipers, and central locking. 2. **HVAC Controllers:** Managing climate control sensors and blower motors. 3. **Gateway Units:** Translating data between different vehicle networks (e.g., CAN to LIN). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the M3H68TAG and other RH850/F1x variants?
    • ⤷ Does this microcontroller support Hardware Security Modules (HSM) for cybersecurity?
    • ⤷ What is the typical power consumption in standby mode for this part?