Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H71FAG-R

  • AI
    The **M3H71FAG-R** is a high-performance, automotive-grade MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by Renesas Electronics. It is part of their power management lineup specifically designed for switching applications in harsh environments. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 40 V | Maximum voltage the device can handle across drain and source. | | **Drain Current ($I_D$)** | 100 A (typical) | Continuous current handling capability (at $T_C$ = 25°C). | | **$R_{DS(on)}$ (Max)** | ~1.6 mΩ | On-state resistance; lower values indicate higher efficiency. | | **Gate-Source Voltage ($V_{GSS}$)** | ±20 V | Range of voltage used to control the switching state. | | **Operating Temperature** | up to 175°C | Designed for high-heat automotive environments. | | **Package Type** | TO-252 (DPAK) | Surface-mount package with good thermal dissipation. | --- ### 2. Physical and Structural Components The "electronic parts" or internal structure of this component include: * **N-Channel Enhancement Mode Logic:** It is an N-channel device, meaning it uses electrons as charge carriers (more efficient than P-channel) and requires a positive gate voltage to turn "ON." * **Gate Oxide Layer:** A thin layer of silicon dioxide that provides high input impedance, allowing the device to be controlled with very low power. * **Body Diode:** An internal parasitic diode (Source-Drain) that allows for freewheeling current in inductive load applications. * **Thermal Pad:** The underside of the DPAK package acts as a thermal interface to the PCB to manage the heat generated during high-current switching. --- ### 3. Applications Due to its high current density and low resistance, the M3H71FAG-R is commonly found in: 1. **Automotive ECU (Electronic Control Units):** Power distribution and motor control. 2. **DC-DC Converters:** High-frequency switching for voltage regulation. 3. **Battery Management Systems (BMS):** For protection circuits and cell balancing. 4. **EPS (Electric Power Steering):** Handling high-torque motor drive currents. --- ### 4. Advantages * **Low Power Loss:** The extremely low $R_{DS(on)}$ reduces conduction losses, minimizing heat. * **AEC-Q101 Qualified:** Meets the rigorous reliability standards for the automotive industry. * **High Switching Speed:** Capable of operating at high frequencies without significant switching loss.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the TO-252 package?
    • ⤷ How does the M3H71FAG-R compare to its P-channel counterparts?
    • ⤷ Can this MOSFET be used in 48V automotive systems?