Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H71FBG-R

  • AI
    The **M3H71FBG-R** is an integrated circuit (IC) primarily associated with **power management** or **battery protection** systems, often found in mobile devices or portable electronics. It is typically manufactured by vendors like Mitsumi or similar specialty semiconductor firms. --- ### 1. Key Technical Specifications Based on the part number conventions for this series, here are the general technical characteristics: | Parameter | Description | | :--- | :--- | | **Component Type** | Power Management IC (PMIC) / Battery Protection | | **Package Type** | SOT-23 or similar small footprint (FBG designation) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Function** | Overcharge/Over-discharge protection and current regulation | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Core Functional Blocks The internal circuitry of the M3H71FBG-R is designed to monitor voltage levels and control the flow of current to prevent damage to cells. * **Voltage Detector:** Monitors the voltage across the battery terminals to trigger protection if levels exceed safety thresholds. * **Delay Circuit:** Prevents "nuisance" tripping caused by momentary noise or transient voltage spikes. * **Control Logic:** Decides whether to turn the external MOSFETs on or off based on the input from the detectors. * **Level Shifter:** Ensures the signal is at the correct voltage to drive the gates of the protection switches. --- ### 3. Pinout Logic (Typical) While you should always consult the specific datasheet for the "-R" revision, these types of chips generally follow a standard 5 or 6-pin layout: 1. **VDD:** Power supply input. 2. **VSS:** Ground/Negative supply. 3. **VM:** Voltage monitoring / Charger detection pin. 4. **CO:** Charge-control output (drives the Charge MOSFET). 5. **DO:** Discharge-control output (drives the Discharge MOSFET). --- ### 4. Application Use Cases This component is most frequently used in: * **Lithium-Ion/Polymer Battery Packs:** Ensuring the cells do not explode or degrade due to improper charging. * **Wearable Technology:** Smartwatches and fitness trackers requiring small-form-factor protection. * **IoT Sensors:** Devices that rely on rechargeable batteries for long-term deployment. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific over-voltage threshold values for the M3H71FBG-R?
    • ⤷ Can you provide a circuit diagram example using this IC?
    • ⤷ Which manufacturers currently produce the M3H71FBG-R?