Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H71FCG-R

  • AI
    The **M3H71FCG-R** belongs to the **TOSHIBA TXZ+™ Family Advanced Class**. It is a high-performance 32-bit microcontroller based on the **ARM® Cortex®-M3** core, specifically designed for motor control, consumer electronics, and industrial automation. --- ### 1. Technical Specifications Overview The following table highlights the core electronic characteristics of the M3H71FCG-R: | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 16 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP100 (14x14mm) | | **Operating Temperature** | -40°C to 85°C | --- ### 2. Key Internal Components & Features #### A. Analog Capabilities The M3H series is highly regarded for its precision analog-to-digital conversion, essential for sensor feedback. * **ADC:** 12-bit High-speed ADC (approx. 1.0 $\mu$s conversion time). * **VREF:** Supports internal or external reference voltages for high-precision measurements. #### B. Motor Control Peripherals This chip is optimized for controlling brushless DC (BLDC) motors: * **A-PMD (Advanced Programmable Motor Control):** A specialized hardware block that handles PWM generation, dead-time insertion, and emergency stop synchronization without taxing the CPU. * **A-ENC (Advanced Encoder Input Circuit):** Supports 2-phase/3-phase incremental encoders for position and speed sensing. #### C. Connectivity & Communication The M3H71FCG-R includes standard industrial interfaces: * **UART:** Up to 4 channels. * **I2C:** High-speed multi-master support. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed synchronous communication. #### D. Safety and Reliability * **RAM Parity:** Detects memory errors. * **CRC Calculation Circuit:** Ensures data integrity during transmission. * **Clock Monitor:** Detects abnormal oscillator frequencies. --- ### 3. Application Use Cases Due to its 5V operation support and robust motor control peripherals, it is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (inverters), and refrigerators. 2. **Industrial Equipment:** Small-scale PLC units, motor drivers, and pumps. 3. **Consumer Electronics:** Power tools and office automation devices. ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the M3H and M4K series from Toshiba?
    • ⤷ Can this microcontroller be programmed using standard ARM CMSIS libraries?
    • ⤷ What is the power consumption profile of the M3H71FCG-R in sleep mode?