Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H71FDG-R

  • AI
    The **M3H71FDG-R** is a high-performance, N-Channel enhancement mode Power MOSFET designed primarily for power management and switching applications. It is commonly used in DC-DC converters, motor drivers, and battery protection circuits. ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the M3H71FDG-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20 | V | | **Continuous Drain Current** | $I_D$ | 70 - 80* | A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~4.5 - 6.0 | mΩ | | **Total Gate Charge** | $Q_g$ | ~15 - 20 | nC | | **Package Type** | - | PDFN 5x6 / DFN5060 | - | *\*Note: Current ratings depend on thermal dissipation and PCB layout.* --- ### 2. Physical and Structural Features * **Package (PDFN 5x6):** This is a surface-mount package (SMD) designed for high thermal efficiency. The underside typically features a large thermal pad to dissipate heat directly into the PCB copper layers. * **Trench Technology:** Most modern MOSFETs in this series use "Trench" technology, which reduces the $R_{DS(on)}$ (internal resistance when on), leading to lower power loss and higher efficiency. * **Green Device:** Usually compliant with RoHS and halogen-free standards, making it suitable for modern environmental regulations. --- ### 3. Functional Applications The M3H71FDG-R is versatile due to its low resistance and high current handling. Common use cases include: 1. **Switching Regulators:** Used in the "High-side" or "Low-side" of buck/boost converters in laptops and servers. 2. **Load Switches:** Acting as an electronic fuse to turn power rails on and off. 3. **BMS (Battery Management Systems):** Protecting lithium-ion battery packs from overcurrent. 4. **Motor Control:** Small BLDC (Brushless DC) motor drivers for drones or handheld tools. --- ### 4. Circuit Symbol and Pinout In a standard schematic, the pinout for a PDFN 5x6 MOSFET is usually: * **Pins 1-3:** Source (S) * **Pin 4:** Gate (G) * **Pins 5-8 (and Thermal Pad):** Drain (D) ```text PDFN 5x6 Layout +----------------+ | 8 7 6 5 | <-- Drain (D) | [][][][] | | _ | | |_| | <-- Thermal Pad (D) | | | [][][][] | | 1 2 3 4 | <-- 1,2,3: Source (S) +----------------+ 4: Gate (G) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the M3H71FDG-R?
    • ⤷ How does the RDS(on) change as the gate voltage increases?
    • ⤷ Can this MOSFET be used in automotive applications?