Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H71TDD-R

  • AI
    The **M3H71TDD-R** is a specific part number belonging to the **M3H series** of microcontrollers developed by **Toshiba**. This series is based on the ARM® Cortex®-M3 core and is designed for high-performance motor control and industrial automation. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the M3H71TDD-R: | Parameter | Specification | | :--- | :--- | | **Core Architecture** | ARM® Cortex®-M3 | | **Max Frequency** | 40 MHz - 80 MHz (varies by power mode) | | **Operating Voltage** | 2.7V to 5.5V | | **Flash Memory** | 256 KB - 512 KB (Typical for TDD variant) | | **SRAM** | 32 KB - 64 KB | | **Package Type** | LQFP100 (14x14mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Blocks The "Electronic Parts" within this MCU are integrated circuits designed for specific tasks: #### A. Power Management (LVD/POR) The chip includes internal Low Voltage Detection (LVD) and Power-On Reset (POR) circuits. These ensure the controller does not operate in unstable voltage ranges, preventing memory corruption or erratic hardware behavior. #### B. Advanced Timer Unit (T32A) This is a 32-bit timer module capable of generating complex PWM (Pulse Width Modulation) signals. It is essential for: * Controlling Brushless DC (BLDC) motors. * Inverter control for power conversion. #### C. Analog-to-Digital Converter (ADC) It features a high-speed 12-bit ADC. This part is responsible for converting real-world analog signals (like current, temperature, or pressure) into digital data that the Cortex-M3 core can process. #### D. Communication Interfaces The M3H71TDD-R integrates several hardware communication blocks: * **UART/SIO:** For serial data transfer. * **I2C:** For peripheral sensor communication. * **TSPI:** Toshiba Serial Peripheral Interface for high-speed data sync. --- ### 3. Application Use Cases Due to its robust 5V support and ARM architecture, this part is commonly found in: 1. **Home Appliances:** Washing machines, air conditioners (compressor control). 2. **Office Automation:** Printers and scanners (motor movement). 3. **Industrial Equipment:** Small-scale PLC logic and sensor hubs. --- ### 4. Part Number Decoding (Typical Toshiba Logic) | Prefix | Series | Pin Count | Flash Size | Package | | :--- | :--- | :--- | :--- | :--- | | **M3H** | Cortex-M3 High Speed | **7** (approx 100 pins) | **1** (Memory Indicator) | **TDD** (Specific LQFP/Tape) |
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for the M3H71TDD-R in sleep mode?
    • ⤷ How does the T32A timer differ from standard timers in motor control applications?
    • ⤷ Is there a specific development kit or IDE recommended for this Toshiba MCU?