Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H73FBD-R

  • AI
    The **M3H73FBD-R** is a high-performance, automotive-grade microcontroller part of the **M3H Group** within the **TXZ+™ Family Advanced Series** manufactured by **Toshiba**. It is based on the ARM® Cortex®-M3 core and is designed specifically for motor control and industrial automation applications. --- ### 1. Core Technical Specifications The following table highlights the primary electronic characteristics of the M3H73FBD-R: | Feature | Specification | | :--- | :--- | | **CPU Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory (Code)** | 512 KB | | **RAM** | 66 KB (including 2 KB of Backup RAM) | | **Operating Voltage** | 2.7V to 5.5V (Single supply) | | **Operating Temperature** | -40°C to +105°C | | **Package Type** | LQFP100 (14mm x 14mm, 0.5mm pitch) | --- ### 2. Key Integrated Peripheral Modules The "electronic parts" within this MCU are optimized for high-speed data processing and precision motor control. #### A. Analog-to-Digital Converter (ADC) * **High Speed:** Equipped with a 12-bit ADC with a conversion speed of approx. 1.5 $\mu$s. * **Channels:** Supports up to 21 channels. * **Usage:** Crucial for sensing current and voltage in motor inverter circuits. #### B. Advanced Programmable Motor Control (A-PMD) * **Function:** This hardware logic generates 3-phase PWM waveforms. * **Protection:** Includes an "Emergency Stop" function that shuts down PWM output in response to external error signals to prevent hardware damage. #### C. Connectivity & Communication * **UART:** 5 channels for serial communication. * **I2C / SIO:** 4 channels for peripheral interfacing. * **TSPI:** 3 channels (High-speed Serial Peripheral Interface). #### D. System Safety & Reliability * **CRC Calculation Circuit:** Hardware-based error checking for memory integrity. * **RAM Parity:** Detects bit errors in data memory. * **LVD (Low Voltage Detection):** Monitors supply voltage to ensure the MCU operates within safe limits. --- ### 3. Application Use Cases Due to its robust 5V support and Cortex-M3 efficiency, this part is commonly found in: * **Home Appliances:** Washing machines, air conditioners (inverter control). * **Industrial Equipment:** Small-to-medium scale motor drives and pumps. * **Consumer Electronics:** Devices requiring high-speed processing and analog sensing. --- ### 4. Part Number Decoder Understanding the "M3H73FBD-R" nomenclature: * **M3H:** Group Name (ARM Cortex-M3 High-speed). * **7:** Pin count indicator (100 pins). * **3:** Flash memory size indicator (512 KB). * **F:** Feature set/Device generation. * **BD:** Package code (LQFP100). * **-R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of using the TXZ+ series for motor control compared to standard Cortex-M3 chips?
    • ⤷ Does the M3H73FBD-R support functional safety standards like IEC 60730?
    • ⤷ What development tools or IDEs are recommended for programming Toshiba TXZ+ microcontrollers?