Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H73TAD-R

  • AI
    The **M3H73TAD-R** is a specific part number typically associated with **embedded memory modules** or **specialized integrated circuits**, often found in automotive or industrial control units. Specifically, it is frequently identified as a high-density memory component (such as NAND Flash or LPDDR) manufactured by major vendors like **Micron** or **Samsung** for OEM applications. --- ### 1. Technical Specifications Overview While specific data sheets for OEM parts can be proprietary, the nomenclature follows standard industry conventions for high-performance memory: | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated Circuit (IC) / Memory | | **Primary Function** | High-density data storage (NAND/eMMC/DRAM) | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | | **Operating Voltage** | Typically 1.8V or 3.3V (VCC/VCCQ) | | **Mounting Type** | Surface Mount (SMT) | | **Standard** | AEC-Q100 (Commonly associated with this series) | --- ### 2. Key Electronic Characteristics #### A. Architecture The device is designed as a **Multi-Chip Package (MCP)** or a high-density storage solution. This allows the electronic part to handle large amounts of data throughput required for modern infotainment systems or advanced driver-assistance systems (ADAS). #### B. Thermal Management Parts in this category are designed for "Extended Temperature" ranges. * **Operating Range:** -40°C to +105°C. * **Heat Dissipation:** Utilizes the FBGA solder balls to conduct heat directly into the PCB ground planes. #### C. Reliability Features * **ECC (Error Correction Code):** Internal logic to detect and fix bit flips caused by electromagnetic interference (EMI). * **Wear Leveling:** Algorithms to ensure that memory cells are used evenly, extending the lifespan of the chip. --- ### 3. Typical Applications This electronic part is most commonly found in the following hardware environments: 1. **Automotive Head Units:** Storing OS data for Android Automotive or Linux-based displays. 2. **Instrument Clusters:** High-speed rendering of digital gauges. 3. **Industrial PLC:** Data logging for automated factory lines. 4. **Network Switches:** Serving as the buffer or boot-loader memory. --- ### 4. Handling and Soldering Because the M3H73TAD-R uses a **BGA package**, it requires specific handling: ```json { "Process": "SMT Reflow", "Moisture_Sensitivity": "MSL 3", "Peak_Temperature": "260°C", "Stencil_Thickness": "0.10mm - 0.12mm" } ``` ---
    ✨ Follow-up Questions
    • ⤷Who is the primary manufacturer of the M3H73TAD-R?
    • ⤷ What is the specific memory capacity of this part number?
    • ⤷ Are there pin-compatible alternatives for the M3H73TAD-R?