Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H73TAG-R

  • AI
    The **M3H73TAG-R** is a specific surface-mount electronic component, typically categorized as a **Resistor Network** (also known as a Resistor Array). These parts are used to consolidate multiple resistors into a single package to save space on a Printed Circuit Board (PCB). --- ### 1. Key Technical Specifications Based on standard industry nomenclature for this series, here are the likely technical attributes: | Feature | Specification | | :--- | :--- | | **Component Type** | Resistor Network / Array | | **Package Style** | Surface Mount (SMD) - Convex or Concave terminations | | **Circuit Type** | Isolated or Common Bus (typically Isolated) | | **Number of Resistors** | Usually 4 or 8 elements per package | | **Resistance Value** | Defined by the "73" or "7" coding (often 4.7kΩ or 75Ω depending on manufacturer) | | **Tolerance** | Typically ±5% (J) or ±1% (F) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Internal Construction The "TAG" designation often refers to the termination style and the internal arrangement of the resistive elements. * **Substrate:** High-purity alumina ceramic. * **Resistive Element:** Thick film metal glaze. * **Terminations:** Matte Tin (Sn) over Nickel (Ni) barrier to prevent leaching during soldering. * **Protection:** Epoxy or glass overcoat for environmental protection. --- ### 3. Common Applications These components are widely used in digital electronics where multiple lines require the same resistance value. 1. **Pull-up/Pull-down Resistors:** Used for I2C, SPI, or parallel data buses to ensure logic levels are stable. 2. **Termination:** Used in high-speed digital circuits to prevent signal reflection. 3. **LED Current Limiting:** Driving multiple LEDs from a single microcontroller port. 4. **DDR Memory Arrays:** Managing signal integrity on memory address lines. --- ### 4. Advantages of using M3H73TAG-R * **Space Efficiency:** Replaces 4 to 8 individual 0402 or 0603 resistors with a single chip. * **Assembly Speed:** Reduces the number of "picks and places" the SMT machine has to perform. * **Cost:** Lower overall bill-of-materials (BOM) cost compared to discrete components. * **Matching:** Because the resistors are on the same substrate, they exhibit very similar temperature coefficients (TCR tracking).
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value of the M3H73TAG-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the footprint dimensions for this component?