Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H73TBD-R

  • AI
    The **M3H73TBD-R** is a specific technical part number, typically associated with specialized electronic modules or development kits, often used in embedded systems or automotive evaluation environments. Below is an analysis of its electronic components and functional characteristics. --- ### 1. General Specifications The part belongs to a family of **MCU Evaluation Boards** or **Communication Modules**. Its primary purpose is to interface with a host microcontroller (MCU) to facilitate specific data processing or communication protocols. | Component Category | Description | | :--- | :--- | | **Manufacturer** | Often associated with major semiconductor vendors (e.g., Renesas or similar Tier 1 suppliers). | | **Interface Type** | Typically uses SPI, I2C, or UART for board-to-board communication. | | **Input Voltage** | Generally operates within the 3.3V or 5V logic level range. | | **Mounting Style** | Through-hole (THT) headers for evaluation boards or Surface Mount (SMD) for module integration. | --- ### 2. Key Electronic Parts & Architecture The internal circuitry of the M3H73TBD-R usually consists of the following building blocks: #### A. The Main Integrated Circuit (IC) * **Processor/Controller:** The core is usually an ASIC or a pre-programmed MCU designed for a specific task (such as motor control, sensor fusion, or bus communication like CAN/LIN). * **Memory:** Small integrated Flash or EEPROM for storing configuration parameters or calibration data. #### B. Power Management * **LDO Regulators:** Low Dropout regulators to ensure clean power to the digital core, filtering out noise from the main power rail. * **Decoupling Capacitors:** Small ceramic capacitors (typically 0.1µF) placed near the IC power pins to stabilize voltage. #### C. Signal Conditioning * **Resistor Networks:** Used for pull-up/pull-down configurations on data lines to prevent floating signals. * **Level Shifters:** In some variants, these allow the part to communicate between different voltage domains (e.g., 1.8V to 3.3V). --- ### 3. Connection Pinout (Typical) While exact pinouts depend on the hardware revision, these modules generally follow a standardized header layout: | Pin Name | Function | | :--- | :--- | | **VCC / VDD** | Power Supply Input | | **GND** | Ground Reference | | **TX / RX** | Serial Communication lines | | **RST** | Reset pin (Active Low) | | **INT** | Interrupt output to signal the host MCU | --- ### 4. Application Areas These parts are commonly found in: 1. **Automotive Prototyping:** Testing dashboard electronics or body control modules. 2. **Industrial Automation:** Acting as a bridge between PLCs and sensors. 3. **Embedded Development:** Used as a reference design for engineers to validate software before custom PCB fabrication.
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of the M3H73TBD-R?
    • ⤷ Can this module be used with Arduino or Raspberry Pi?
    • ⤷ What is the maximum operating temperature for this component?