Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H75FBD-R

  • AI
    The **M3H75FBD-R** is a high-performance, N-channel enhancement mode Power MOSFET designed primarily for automotive and industrial power management applications. It is manufactured by **Renesas Electronics** and belongs to their low-voltage power MOSFET series, optimized for high efficiency and high-speed switching. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M3H75FBD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-to-Source Voltage** | $V_{DSS}$ | 40 V | | **Continuous Drain Current** | $I_D$ | 75 A | | **Static Drain-to-Source On-Resistance** | $R_{DS(on)}$ | ~2.9 mΩ (at $V_{GS}$ = 10V) | | **Gate-to-Source Voltage** | $V_{GSS}$ | ±20 V | | **Total Gate Charge** | $Q_g$ | ~55 nC | | **Package Type** | - | TO-252 (DPAK) | --- ### 2. Core Electronic Features * **Low On-Resistance ($R_{DS(on)}$):** The extremely low resistance minimizes conduction losses, which is critical for maintaining high energy efficiency and reducing heat generation. * **Logic Level Drive:** It is designed to be fully turned on with a logic-level gate voltage, making it compatible with various microcontrollers and gate drivers. * **High Speed Switching:** Low gate charge ($Q_g$) allows for rapid transitions between ON and OFF states, reducing switching losses in high-frequency PWM applications. * **Avalanche Ruggedness:** The device is built to withstand energy spikes caused by inductive loads (unclamped inductive switching). --- ### 3. Application Use-Cases The M3H75FBD-R is commonly found in the following electronic systems: 1. **Automotive Systems:** Used in Electronic Power Steering (EPS), motor control for wipers/fans, and battery management systems (BMS). 2. **DC-DC Converters:** Acts as a switching element in buck or boost converters to regulate voltage. 3. **Load Switching:** Used as a high-side or low-side switch to protect circuits or manage power distribution to peripheral components. 4. **Motor Drives:** Ideal for H-bridge configurations in brushed or brushless DC (BLDC) motor control. --- ### 4. Schematic Symbol & Pinout Typical for a TO-252 package, the pin configuration is: * **Pin 1 (Gate):** Controls the switching of the MOSFET. * **Pin 2/Tab (Drain):** Connected to the high-current load path. * **Pin 3 (Source):** Connected to the return path or ground. ```cpp // Example: Simple Arduino-style PWM control for M3H75FBD-R int gatePin = 9; void setup() { pinMode(gatePin, OUTPUT); } void loop() { analogWrite(gatePin, 128); // 50% Duty Cycle to control motor speed } ```
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for this MOSFET at 75A?
    • ⤷ How does the M3H75FBD-R compare to the M3H080 series?
    • ⤷ Can this MOSFET be used in a 24V automotive system?