Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H76FAG-R

  • AI
    ## Technical Overview: M3H76FAG-R The **M3H76FAG-R** is a high-performance power semiconductor, specifically a N-channel Power MOSFET developed by **Renesas Electronics**. It is designed primarily for automotive applications, utilizing the Low Voltage (LV) power MOSFET technology to handle high current loads with high efficiency. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Type** | N-Channel MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 40 V | | **Gate-Source Voltage ($V_{GSS}$)** | ±20 V | | **Continuous Drain Current ($I_D$)** | Up to 100 A (subject to thermal limits) | | **On-State Resistance ($R_{DS(on)}$)** | Typically < 1.0 mΩ (ultra-low resistance) | | **Package Type** | HPAK (High Power Leadless Package) | | **Qualification** | AEC-Q101 (Automotive Grade) | --- ### 2. Core Features * **Ultra-Low On-Resistance ($R_{DS(on)}$):** This part is optimized for minimal power loss during conduction. By keeping resistance extremely low, the component generates less heat, allowing for higher efficiency in power conversion. * **High Avalanche Ruggedness:** It is designed to withstand transient voltage spikes (avalanche energy) without failure, which is critical in automotive environments where inductive loads are common. * **Logic Level Drive:** The device can be fully turned on with standard logic-level gate voltages, simplifying the drive circuitry. * **HPAK Package:** The "R" suffix often denotes the packaging style. The HPAK is a surface-mount package designed for excellent thermal dissipation through a large exposed pad on the bottom. --- ### 3. Application Areas The M3H76FAG-R is commonly found in heavy-duty automotive electronics, including: 1. **Electric Power Steering (EPS):** Controlling the high-current motors that assist steering. 2. **Battery Management Systems (BMS):** Serving as a high-current switch for battery protection and isolation. 3. **DC-DC Converters:** Used in switching regulators to step down voltage for on-board electronics. 4. **Motor Drives:** Driving fans, pumps, and other auxiliary motors in internal combustion or electric vehicles. --- ### 4. Comparison to Similar Parts | Feature | M3H76FAG-R | Standard Power MOSFET | | :--- | :--- | :--- | | **Reliability** | Automotive Grade (AEC-Q101) | Consumer Grade | | **Thermal Efficiency** | Superior (HPAK Design) | Moderate (TO-220/DPAK) | | **Conduction Loss** | Extremely Low | Moderate to High |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3H76FAG-R?
    • ⤷ Can you provide a comparison between HPAK and D2PAK packages?
    • ⤷ How does the AEC-Q101 qualification affect its usage in non-automotive projects?