Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H76FBD-R

  • AI
    The **M3H76FBD-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Class, manufactured by **Toshiba**. This microcontroller is based on the ARM® Cortex®-M3 core and is designed for high-performance motor control and industrial applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the M3H76FBD-R: | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Max Operating Frequency** | 120 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Operating Voltage** | 2.7V to 5.5V (Single Power Supply) | | **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) | | **Temperature Range** | -40°C to 85°C | --- ### 2. Specialized Peripheral Modules The M3H series is known for its "Advanced Class" peripherals, which offload tasks from the CPU to improve efficiency in motor and power control. * **A-PMD (Advanced Programmable Motor Control):** * Designed for 3-phase motor control (BLDC/PMSM). * Features 3-phase PWM output with dead-time insertion. * Includes emergency stop functionality via external input. * **A-ENC (Advanced Encoder Input Circuit):** * Supports incremental encoders (ABZ phase). * Hardware-based position and speed calculation, reducing CPU overhead. * **A-ADC (Advanced Analog-to-Digital Converter):** * 12-bit resolution. * High-speed conversion (approx. 1.0 μs). * Linked directly with the PWM timers for synchronized sampling. --- ### 3. Communication Interfaces The device is equipped with various industry-standard communication protocols: * **UART:** Up to 6 channels (supporting full-duplex and asynchronous modes). * **I2C:** 3 channels (Standard-mode and Fast-mode). * **TSPI (Toshiba Serial Peripheral Interface):** 3 channels, compatible with SPI. --- ### 4. Safety and Reliability Features To meet industrial standards, the M3H76FBD-R includes several hardware safety mechanisms: * **ECC (Error Correction Code):** Flash memory protection. * **CRC Calculation Circuit:** Ensures data integrity for communications. * **RAM Parity:** Detects memory errors during runtime. * **LVD (Low Voltage Detection):** Monitors power supply drops to prevent erratic behavior. --- ### 5. Application Examples * **Home Appliances:** Washing machines, air conditioners (inverter control). * **Industrial Equipment:** Servo motors, PLC (Programmable Logic Controllers). * **Power Management:** Digital power supplies and UPS systems.
    ✨ Follow-up Questions
    • ⤷ What are the specific development tools supported for the M3H series?
    • ⤷ How does the A-PMD module interface with the ADC for FOC motor control?
    • ⤷ Does this chip support CAN bus communication?