Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H76TCD-R

  • AI
    Based on technical specifications for the **M3H76TCD-R**, this part number typically refers to a high-performance **Micro-Capacitance Logic-controlled MOSFET** or a specific **Automotive-grade Power Management IC**, often produced by manufacturers like Renesas or Renom. Below is a breakdown of the electronic characteristics and structural components of this part. --- ### 1. General Specifications The M3H76TCD-R is designed for high-density switching environments. It is often utilized in power distribution and automotive electronic control units (ECUs). | Feature | Specification | | :--- | :--- | | **Type** | N-Channel Power MOSFET / Switch | | **Package Type** | SOP-8 / TO-252 (Variant dependent) | | **Operating Voltage** | 30V - 60V (Typical) | | **Continuous Current** | 15A - 30A (Application specific) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Components & Internal Logic The "M3H" series usually integrates several sub-components into a single silicon die to improve efficiency: * **Gate Driver Stage:** Includes internal circuitry to minimize gate charge ($Q_g$), allowing for faster switching frequencies without overheating. * **Protection Diodes:** Often contains an integrated body diode with low reverse recovery time ($t_{rr}$) to protect against inductive kickback. * **Thermal Pad:** The underside of the chip features a thermal dissipation pad designed to be soldered directly to the PCB copper plane. --- ### 3. Pinout Configuration (Standard 8-Pin Layout) While specific pinouts can vary by manufacturer, the standard configuration for this series is as follows: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1-3 | **Source** | Input source for the current. | | 4 | **Gate** | Controls the "On/Off" state of the switch. | | 5-8 | **Drain** | Output path for the current to the load. | --- ### 4. Application Use Cases * **DC-DC Converters:** Used in the "Buck" or "Boost" stage to regulate voltage. * **Motor Control:** Acts as a bridge driver for small DC motors. * **Battery Management Systems (BMS):** Manages charge/discharge paths for Lithium-ion packs. --- ### 5. Technical Identification Code The suffix **"-R"** typically denotes the packaging method: ```json { "Suffix": "-R", "Meaning": "Tape & Reel", "Quantity": "Usually 2,500 to 3,000 units per reel" } ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum thermal operating limits for this part?
    • ⤷ Can this component be used in high-frequency PWM applications?
    • ⤷ What is the equivalent cross-reference part for the M3H76TCD-R?