Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3H78FCD-R

  • AI
    The **M3H78FCD-R** belongs to the **M3H Group** of microcontrollers based on the Arm® Cortex®-M3 core, manufactured by **Toshiba Electronic Devices & Storage Corporation**. This specific part is designed for high-performance motor control and consumer electronics. --- ### 1. Key Technical Specifications The following table outlines the primary hardware capabilities of the M3H78FCD-R: | Feature | Specification | | :--- | :--- | | **CPU Core** | Arm® Cortex®-M3 | | **Maximum Frequency** | 40 MHz - 80 MHz (depending on clock configuration) | | **Flash Memory** | 128 KB | | **SRAM** | 12 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP64 (10mm x 10mm) | | **A/D Converter** | 12-bit (Multiple channels) | --- ### 2. Functional Electronic Blocks The internal architecture is divided into several specialized blocks that handle distinct tasks: #### A. Core & System * **Cortex-M3 Processor:** A 32-bit RISC processor known for high energy efficiency and low interrupt latency. * **Memory Protection Unit (MPU):** Enhances system reliability by preventing unauthorized memory access. #### B. Timers and Motor Control This chip is optimized for **Motor Control**. It includes: * **A-PMD (Advanced Programmable Motor Driver):** A specialized hardware block that generates 3-phase PWM signals for controlling BLDC (Brushless DC) motors. * **VE (Vector Engine):** Some variants in this family include a hardware engine to offload complex vector control calculations (Trigonometric functions) from the CPU. #### C. Analog Peripherals * **12-bit ADC:** Fast conversion speed (approx. 1.0 $\mu$s) used for sensing current and voltage feedback in real-time. * **Comparator:** Used for overcurrent protection to trigger emergency shutdowns of the motor driver. #### D. Communication Interfaces * **UART:** Universal Asynchronous Receiver/Transmitter for serial debugging. * **I2C / SPI:** For communicating with external sensors, EEPROMs, or displays. --- ### 3. Application Use-Cases Due to its integrated motor driver logic and 5V power supply compatibility, the M3H78FCD-R is commonly found in: 1. **Home Appliances:** Washing machines, air conditioner fans, and refrigerators. 2. **Office Automation:** Printers and high-precision scanners. 3. **Industrial Equipment:** Small pumps and conveyor belt controllers. --- ### 4. Part Number Breakdown * **M3H:** Toshiba TXZ Family (Arm Cortex-M3 High-speed) * **78:** Sub-series designation * **F:** Flash Memory type * **CD:** Memory density / Pin count code * **-R:** Packaging (Reel/Tape)
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the Advanced Programmable Motor Driver (A-PMD) in this chip?
    • ⤷ Does the M3H78FCD-R support functional safety standards like IEC 60730?
    • ⤷ What software development tools are compatible with the Toshiba TXZ series?