Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3SMS-1-R

  • AI
    ### M3SMS-1-R: Electronic Component Analysis The **M3SMS-1-R** is a specific part number typically associated with the **M3 series** of electronic interconnects, often manufactured by companies like *3M* or *TE Connectivity* (depending on the full prefix/suffix distribution). Based on standard electronic cataloging, this part belongs to the **IDC (Insulation Displacement Connector) Ribbon Cable Assembly** family. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Socket-to-Socket Ribbon Cable Assembly | | **Number of Positions** | 10 to 60 (Model dependent, '-1' often implies 10-pin) | | **Pitch** | 0.100" (2.54 mm) | | **Connector Type** | Socket (Female) with Strain Relief | | **Cable Type** | Gray Ribbon Cable (28 AWG) | | **Length** | Usually designated by the suffix (e.g., 1.0 foot) | | **Plating** | Gold or Tin-Lead (depending on RoHS status) | --- ### 2. Physical Construction The part is comprised of three primary electronic sub-components: 1. **IDC Socket Connectors:** * Features a "U" shaped contact that pierces the wire insulation to make a gas-tight connection without stripping the wire. * Includes a **Polarizing Key** to prevent incorrect orientation during mating. 2. **Ribbon Cable:** * Flat, flexible PVC-insulated cable. * Usually features a red or blue "Edge Indicator" to identify Pin 1. 3. **Strain Relief:** * A plastic clip that snaps over the cable to prevent physical stress on the IDC contacts when the cable is pulled. --- ### 3. Pinout and Connectivity Most M3SMS series connectors follow a standard double-row grid pattern. ```text [Socket Side View] 1 3 5 7 9 . . . . . . . . . . 2 4 6 8 10 ``` * **Logic Type:** Parallel data transmission. * **Common Use:** Connecting a motherboard header to a peripheral (like an LCD, sensor array, or legacy drive). --- ### 4. Applications * **Prototyping:** Easy connection between microcontrollers (like Arduino/Raspberry Pi) and external modules. * **Industrial Controls:** Internal wiring for PLC (Programmable Logic Controller) units. * **Computing:** Internal signal routing where space is limited. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the 28 AWG wire used in this assembly?
    • ⤷ How does the 'Strain Relief' feature improve the lifespan of the M3SMS-1-R?
    • ⤷ Are there specific mounting headers required to mate with this socket?