Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3SMS-F-R/K

  • AI
    The **M3SMS-F-R/K** is a specific part number typically associated with **M3 Series Compact Actuators** (often used in HVAC or industrial valve control). It represents a high-performance, motorized assembly used to control the flow of media through valves. Below is a breakdown of the electronic and technical components of this unit. --- ### 1. General Specifications | Component | Specification | | :--- | :--- | | **Manufacturer** | Often Siemens or related industrial control brands | | **Power Supply** | Usually 24V AC or DC | | **Control Signal** | Modulating (0…10 V DC / 4…20 mA) or 3-point | | **Action Type** | Linear or Rotary (depending on specific valve body) | | **Safety Function** | Spring Return (indicated by "S" in many nomenclatures) | --- ### 2. Key Electronic Parts & Features #### A. Internal Control Circuitry The device contains a PCB (Printed Circuit Board) that manages the following: * **Microprocessor Control:** Processes the incoming 0-10V or 4-20mA signal to determine the exact position of the actuator. * **Feedback Potentiometer:** A precision electronic sensor that monitors the actual position of the shaft, ensuring the valve reaches the desired setpoint accurately. * **Overload Protection:** Electronic sensors that cut power to the motor if it detects a mechanical jam, preventing the motor from burning out. #### B. The Motor (Drive Unit) * **Brushless DC (BLDC) or Synchronous Motor:** Most modern "M3" series actuators use high-efficiency motors to ensure low power consumption and long service life. * **Torque/Force:** These motors are geared down to provide high torque for operating pressurized valves. #### C. Spring Return System ("S" Designation) * **Fail-Safe Mechanism:** This unit includes a mechanical spring. In the event of a power failure, the electronic brake releases, and the spring forces the valve to a "Home" position (either fully open or fully closed). #### D. Connection & Feedback * **Terminal Blocks:** Wired connections for power (L, N) and control signals (Y). * **Status Indicators:** Often features an LED light (Green/Red) to indicate operating status, calibration mode, or fault conditions. --- ### 3. Part Number Suffix Breakdown While nomenclature varies slightly by region, the characters usually represent: * **M3:** Series designation (Magnetic or Motorized). * **S:** Spring Return (Safety feature). * **MS:** Modulating Signal (Electronic control). * **F:** Field-installable or specific Force rating. * **R/K:** Specific Revision or Kit configuration (includes specific mounting brackets). --- ### 4. Technical Summary Table | Feature | Description | | :--- | :--- | | **Input Impedance** | Usually 100 kΩ for voltage signals | | **Resolution** | High precision (usually < 1%) | | **Enclosure Rating** | Typically IP54 or NEMA 2 (dust and splash resistant) | | **Ambient Temperature** | Rated for -32°C to +55°C |
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the 0-10V signal for this actuator?
    • ⤷ What is the wiring diagram for the spring-return fail-safe?
    • ⤷ Is this part compatible with Siemens Acvatix valves?