Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3STV-64-R

  • AI
    The **M3STV-64-R** is a specific part number typically associated with the **M3 Series** of ribbon cable assemblies manufactured by companies like **3M**. This specific configuration is a socket-to-socket IDC (Insulation Displacement Connector) cable. --- ### 1. Technical Specifications The part number can be broken down into its core electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Connector Type** | IDC Socket to IDC Socket | | **Number of Positions** | 64 Pins | | **Pitch** | 0.100" (2.54mm) | | **Cable Length** | Usually designated by the "R" suffix or a separate length code (often 3-6 feet) | | **Color** | Multiple (Rainbow/Twist) or Gray | | **Shielding** | Non-Shielded | | **Contact Plating** | Tin or Gold (depending on specific sub-series) | --- ### 2. Key Components #### A. The Connectors The assembly uses two 64-pin female headers. These are designed to plug into standard 0.1" pitch male boxed headers. - **Polarization:** Includes a center bump (polarization key) to prevent incorrect insertion. - **Strain Relief:** Often equipped with a plastic clip that clamps the cable, preventing the wires from pulling out of the IDC contacts during disconnection. #### B. The Ribbon Cable - **64 Conductors:** Provides 64 individual signal paths. - **28 AWG:** Most common wire gauge used in these assemblies, suitable for low-voltage data signals. - **PVC Insulation:** Standard insulation for flexibility and basic thermal protection. --- ### 3. Common Applications Due to the high pin count, this part is used for parallel data transmission: 1. **Legacy Computing:** Connecting internal peripherals or expansion cards. 2. **Industrial Control:** Linking PLCs (Programmable Logic Controllers) to I/O modules. 3. **Internal PC Interconnects:** Used in older SCSI interfaces or proprietary motherboard-to-chassis headers. 4. **Prototyping:** Ideal for connecting FPGA development boards to external sensor arrays. --- ### 4. Wiring Diagram Representation The wiring is typically **Point-to-Point (1:1)**, meaning Pin 1 on Connector A goes directly to Pin 1 on Connector B. ```text Connector A (Socket) Ribbon Cable Connector B (Socket) [ Pin 01 ] ---------------------------------------- [ Pin 01 ] [ Pin 02 ] ---------------------------------------- [ Pin 02 ] ... ... [ Pin 64 ] ---------------------------------------- [ Pin 64 ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per contact for the M3STV-64-R?
    • ⤷ Does this cable assembly support high-speed differential signaling?
    • ⤷ Are there waterproof versions of this IDC connector available?