Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3SWVS-AAY-R

  • AI
    The part number **M3SWVS-AAY-R** refers to a high-performance **Optical Switch** (specifically a MEMS-based switch) typically manufactured by companies like DiCon Fiberoptics. These components are used in fiber optic networks to route signals without converting them to electrical signals. --- ### 1. Technical Specifications Below are the typical electronic and optical characteristics associated with this series of switches: | Parameter | Specification (Typical) | | :--- | :--- | | **Technology** | MEMS (Micro-Electro-Mechanical Systems) | | **Fiber Type** | Singlemode (SM) | | **Wavelength Range** | 1290nm – 1610nm (covers C and L bands) | | **Insertion Loss** | < 1.0 dB | | **Switching Time** | < 20 ms | | **Control Interface** | I2C, RS-232, or TTL (Depending on variant) | | **Operating Voltage** | 5V DC | --- ### 2. Breakdown of Components The "Electronic" side of this optical part involves several key sub-systems that allow the physical routing of light: * **MEMS Mirror Array:** The heart of the switch. It consists of microscopic silicon mirrors that tilt or rotate when an electrostatic charge is applied. * **Actuator Drivers:** Internal circuitry that converts low-voltage logic signals into the precise high-voltage electrostatic charges (often up to 60V–100V internally) required to move the MEMS mirrors. * **Position Sensors:** Integrated sensors that provide feedback to the controller to ensure the mirror is aligned perfectly with the output fiber. * **Control Logic:** An onboard microcontroller or FPGA that interprets commands (e.g., "Switch Port 1 to Port 3") and manages the timing and voltage sequences. --- ### 3. Pinout and Connectivity While specific pinouts vary by package, these devices generally feature a high-density connector or a ribbon cable interface with the following pin groups: 1. **Power Supply:** VCC (usually 5V) and Ground. 2. **Communication:** SDA/SCL (for I2C) or TX/RX (for RS-232). 3. **Status Flags:** Pins to indicate "Switch Ready," "Error," or "Busy." 4. **Optical Ports:** Physical fiber pigtails or receptacles (A-side and Y-side). --- ### 4. Typical Applications * **ROADM (Reconfigurable Optical Add-Drop Multiplexers):** For routing wavelengths in telecom backbones. * **Fiber Protection Switching:** Automatically rerouting traffic if a fiber line is cut. * **Test and Measurement:** Used in automated labs to switch a single testing instrument between multiple devices under test.
    ✨ Follow-up Questions
    • ⤷What is the exact pin configuration for the M3SWVS series?
    • ⤷ How does MEMS technology compare to opto-mechanical switches in terms of lifespan?
    • ⤷ Does this switch support multi-mode fiber configurations?