Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V12T2CJ-R

  • AI
    The **M3V12T2CJ-R** is a specific part number for a **Voltage Controlled Crystal Oscillator (VCCO/VCXO)** manufactured by **Microchip Technology** (formerly under the MtronPTI or Vectron brand umbrellas). Below is the detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The M3V series is designed for high-precision timing applications where the output frequency needs to be adjusted or "pulled" by an external control voltage. | Feature | Specification | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Package Type** | 3.2mm x 5.0mm (SMD) | | **Output Type** | HCMOS / TTL | | **Supply Voltage ($V_{dd}$)** | 3.3V (Typical) | | **Mounting Type** | Surface Mount (SMT) | --- ## 2. Part Number Breakdown While manufacturer coding can vary slightly by production year, the "M3V" prefix typically follows this logic: * **M3V**: Series designation (3.2x5mm SMD, 3.3V VCXO). * **12**: Frequency Stability (often represents ±25ppm or ±50ppm depending on the specific datasheet revision). * **T**: Operating Temperature Range (Commonly -40°C to +85°C for industrial grade). * **2**: Pullability range (The amount the frequency can be shifted, e.g., ±100ppm). * **CJ**: Output and Enable/Disable configuration. * **-R**: RoHS Compliant / Tape and Reel packaging. --- ## 3. Key Electronic Parameters ### A. Frequency Control (Voltage Control) The "VC" in VCXO means the device has a control pin (usually Pin 1). By applying a voltage (typically between 0.3V and 3.0V), the user can fine-tune the output frequency to synchronize with a system clock or a GPS signal. ### B. Output Characteristics * **Logic Levels:** Compatible with standard CMOS circuits. * **Drive Capability:** Usually capable of driving a 15pF load. * **Rise/Fall Time:** Fast switching speeds (typically <5ns) to ensure signal integrity in high-speed digital circuits. ### C. Jitter and Phase Noise As a precision timing component, it is engineered for **low phase jitter**, making it suitable for telecommunications and data transfer protocols where timing errors can lead to data loss. --- ## 4. Typical Applications The M3V12T2CJ-R is commonly found in the following systems: 1. **Phase Locked Loops (PLLs):** Used to lock onto an external frequency source. 2. **Networking Equipment:** Switches, routers, and base stations (SONET/SDH). 3. **Video Systems:** Syncing audio and video streams in broadcast hardware. 4. **Frequency Synthesis:** Generating stable local oscillator signals. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency of your specific M3V12T2CJ-R unit?
    • ⤷ How do I calculate the control voltage slope for this VCXO?
    • ⤷ What are the pinout assignments for a standard 3.2x5mm VCXO package?