Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V15V2J-R

  • AI
    The **M3V15V2J-R** is a specific part number typically associated with **Metal Oxide Varistors (MOV)**, often manufactured by companies like Maida Development or similar specialized component vendors. These components are critical for circuit protection against voltage surges. --- ### 1. Component Overview A varistor is a passive, two-electrode semiconductor device. Its primary function is to protect sensitive electronic circuits from high-voltage transients (spikes) by clamping the voltage to a safe level. ### 2. Technical Specifications While specific datasheets can vary slightly by manufacturer, the "M3V" series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Operating Voltage (AC)** | ~150V (Common for 120V mains protection) | | **Varistor Voltage** | Voltage at which the device begins to conduct (typ. 240V DC) | | **Peak Surge Current** | Capability to handle high amperage for short durations (8/20μs pulse) | | **Energy Rating** | Measured in Joules (J); indicates the amount of energy the MOV can absorb | | **Package Type** | Radial Lead (Disc-shaped with two wires) | --- ### 3. Key Electronic Characteristics * **Voltage-Dependent Resistance:** At normal operating voltages, the device has high resistance (acts like an open circuit). When a spike occurs, resistance drops instantly, allowing the current to flow through the varistor instead of the protected equipment. * **Bidirectional Protection:** Because it is non-polarized, it protects against both positive and negative voltage spikes. * **Response Time:** Extremely fast (typically in the nanosecond range), making it ideal for lightning or switching surge protection. ### 4. Typical Applications The M3V15V2J-R is commonly found in: 1. **Power Supplies:** Protecting the input stage of AC/DC converters. 2. **Consumer Electronics:** Surge protectors, TVs, and household appliances. 3. **Industrial Equipment:** Protecting PLC inputs and motor controllers from line noise. 4. **Telecommunications:** Guarding data lines against induced lightning surges. --- ### 5. Circuit Implementation Example In a standard protection circuit, the MOV is placed in parallel with the load. ```arduino [Line] -----------+----------- [Load] | [MOV] <-- M3V15V2J-R | [Neutral] --------+----------- [Load] ``` *Note: It is highly recommended to use a fuse in series before the MOV, as MOVs can fail in a short-circuit mode if they absorb energy beyond their rated capacity.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy rating (Joules) for this specific varistor?
    • ⤷ How does a varistor differ from a TVS diode in circuit protection?
    • ⤷ What are the common failure modes of the M3V15V2J-R?