Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V22T2CJ-R

  • AI
    The **M3V22T2CJ-R** is a specific part number for a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, typically manufactured by companies like **Nichicon** or **Rubycon** (often associated with the MV or M3 series). These components are designed for general-purpose electronic filtering and energy storage on Printed Circuit Boards (PCBs) where space and height are constraints. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the technical characteristics: | Parameter | Value / Description | |:---|:---| | **Capacitance** | 22 µF (Microfarads) | | **Voltage Rating** | 6.3V to 50V (Usually 35V or 50V depending on specific datasheet revision) | | **Mounting Type** | Surface Mount Device (SMD) / V-Chip | | **Tolerance** | ±20% | | **Temperature Range** | -40°C to +85°C or +105°C | | **Termination** | Radial Lead (SMD style "Chip") | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Physical Construction The part is housed in a cylindrical aluminum "can" sitting on a plastic base (the V-chip design). * **Anode:** Aluminum foil with an oxide layer. * **Electrolyte:** Liquid or gel conductive material. * **Housing:** Aluminum case with a safety vent (depending on size). * **Terminals:** Two flat metal pads on the bottom for reflow soldering. --- ### 3. Application Use Cases This specific capacitor is commonly used in the following scenarios: 1. **Decoupling:** Providing a local energy reservoir to prevent voltage drops near ICs. 2. **Filtering:** Removing high-frequency noise from DC power rails. 3. **DC Blocking:** Allowing AC signals to pass while blocking DC bias in audio or signal paths. 4. **Consumer Electronics:** Found in laptops, monitors, and power adapters due to its small footprint. --- ### 4. Circuit Symbol and Polarity Unlike ceramic capacitors, the M3V22T2CJ-R is **polarized**. ```text Positive (+) ----| |---- Negative (-) | | (Marked with a black stripe on the top of the component) ``` > **Warning:** Reversing the polarity or exceeding the rated voltage can cause the component to overheat, leak electrolyte, or explode. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the 'T2' code in this part number?
    • ⤷ What are the soldering temperature requirements for this SMD capacitor?
    • ⤷ How does ESR (Equivalent Series Resistance) affect the performance of this part?