Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V23T2J-R

  • AI
    The **M3V23T2J-R** is a specific part number typically associated with a **Voltage Controlled Crystal Oscillator (VCXO)**. These components are critical in telecommunications and high-speed data transmission for frequency synchronization. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series (often produced by manufacturers like Taitien or similar frequency control specialists), here are the primary technical characteristics: | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Package Size** | 3.2mm x 2.5mm (SMD) | | **Supply Voltage** | 3.3V (indicated by the '3' or 'V' code) | | **Output Type** | CMOS / HCMOS | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Frequency Stability** | ±25ppm to ±50ppm (standard range) | | **Control Voltage** | 1.65V ± 1.35V or 1.5V ± 1.0V | --- ### 2. Internal Electronic Structure A VCXO consists of three main internal stages that allow it to function: 1. **Crystal Resonator:** A high-precision quartz crystal that provides the base resonant frequency. 2. **Varactor Diode:** This is the "control" element. It acts as a variable capacitor. When the voltage on the control pin changes, the capacitance of the varactor changes, which slightly pulls the crystal's frequency up or down. 3. **Oscillator IC:** A low-noise amplifier circuit that maintains the oscillation and provides the output buffer (usually CMOS) to drive external loads. --- ### 3. Pin Configuration (Typical 6-Pin SMD) The M3V series usually follows a standard 6-pad layout: | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | Vc | **Voltage Control:** Input to adjust frequency. | | **2** | E/D or NC | **Enable/Disable:** High = Output; Low = High Impedance. | | **3** | GND | Ground connection. | | **4** | Output | The frequency signal output. | | **5** | NC | No Connection (internal use). | | **6** | Vdd | Power Supply (3.3V). | --- ### 4. Typical Applications The **M3V23T2J-R** is designed for circuits where the frequency needs to be "steered" or locked to an external reference: * **Phase-Locked Loops (PLLs):** Used to synchronize data streams. * **Set-top Boxes / HDTV:** For clock recovery in video signals. * **Ethernet/SDH/SONET:** Synchronizing high-speed network communication. * **Wireless Base Stations:** Frequency stabilization for RF transmission. --- ### 5. Part Number Breakdown (Example) While manufacturers vary slightly, the code generally follows this logic: * **M3V:** Series identifier (3.2x2.5mm VCXO). * **23:** Frequency stability (e.g., ±30ppm). * **T:** Temperature range (e.g., -40 to +85°C). * **2J:** Frequency or Voltage code. * **-R:** Tape & Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the M3V23T2J-R version you are using?
    • ⤷ How does the control voltage (Vc) sensitivity affect circuit design?
    • ⤷ Do you need a circuit diagram for integrating this VCXO into a PLL?