Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V23VCJ-R

  • AI
    The **M3V23VCJ-R** is an electronic component primarily associated with **Voltage Controlled Crystal Oscillators (VCXOs)**, typically manufactured by companies like Jauch Quartz or similar high-precision timing component vendors. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview A VCXO is an oscillator where the oscillation frequency is determined by a crystal, but can be adjusted (tuned) over a small range by an input control voltage. ### Key Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Package Type** | SMD (Surface Mount Device) | | **Standard Frequencies** | Varies (Commonly used in MHz ranges) | | **Output Type** | CMOS / HCMOS | | **Supply Voltage ($V_{dd}$)** | 3.3V (indicated by the '3' in the prefix) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Pin Configuration For a standard 4-pad or 6-pad SMD VCXO package like the M3V series, the pinout usually follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **$V_c$ (Control Voltage)** | The input voltage used to tune the frequency. | | **2** | **E/D or NC** | Enable/Disable (Tristate) or No Connection. | | **3** | **GND** | Ground connection. | | **4** | **Output** | The generated clock signal (Square wave). | | **5** | **NC** | No internal connection. | | **6** | **$V_{dd}$** | Positive Power Supply (3.3V). | --- ## 3. Core Electronic Features ### A. Frequency Pulling Range The "VC" aspect allows for a **pulling range**, usually expressed in parts per million (ppm). For this series, it typically offers $\pm 50\text{ppm}$ to $\pm 100\text{ppm}$. This is essential for Phase Locked Loops (PLLs) to synchronize with an external reference signal. ### B. Control Voltage ($V_c$) characteristics * **Center Voltage:** Usually $1.65\text{V}$ (for a $3.3\text{V}$ supply). * **Linearity:** The frequency change is highly linear relative to the voltage change, ensuring stable feedback loops. ### C. Low Phase Jitter These parts are designed for telecommunications and data processing, offering very low "timing noise" or jitter, which is critical for high-speed data transmission to avoid bit errors. --- ## 4. Common Applications * **Telecommunications:** Base stations and switching equipment. * **Networking:** Ethernet, SONET/SDH synchronization. * **Digital Video:** Set-top boxes and professional video broadcast equipment. * **Phase Locked Loops (PLL):** Used as the adjustable clock source in frequency synthesis. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of your specific M3V23VCJ-R unit?
    • ⤷ How does the control voltage range affect the output frequency linearity?
    • ⤷ What are the recommended decoupling capacitor values for this component?