Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V64T2AJ-R

  • AI
    The **M3V64T2AJ-R** is a specialized surface-mount (SMD) electronic component, typically categorized as a **Voltage Controlled Crystal Oscillator (VCCO/VCXO)** or a high-precision timing module. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Package Type** | SMD (Surface Mount Device) - J-Lead or Ceramic | | **Input Voltage ($V_{cc}$)** | Typically 3.3V (indicated by the 'V' or '3V' coding) | | **Output Type** | CMOS / TTL Compatible | | **Frequency Range** | Usually between 1MHz and 160MHz (Specific to factory tuning) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Pin Configuration and Functions The M3V series typically utilizes a 4-pin or 6-pin layout. Here is the standard pinout for this class of device: 1. **VC (Voltage Control):** This pin accepts an analog voltage to fine-tune the output frequency. This is the "V" in VCXO. 2. **GND:** Ground connection. 3. **Output:** The high-frequency clock signal. 4. **$V_{cc}$:** Power supply input (3.3V). 5. *(Optional) OE (Output Enable):* Used to turn the clock output on or off to save power. --- ## 3. Key Electronic Features * **Voltage Control Function:** Unlike standard oscillators, the M3V64T2AJ-R allows the frequency to be adjusted by varying the DC voltage on the control pin. This is essential for Phase-Locked Loops (PLLs). * **Low Phase Noise:** Designed for communication systems where signal "jitter" must be minimized to prevent data errors. * **Tri-state Functionality:** Often includes an Output Enable (OE) feature, allowing the output to enter a high-impedance state for system testing or power management. --- ## 4. Typical Applications This component is commonly found in high-performance networking and synchronization hardware: * **Telecommunications:** Base stations (LTE/5G) and fiber optic networking. * **Data Conversion:** Providing a stable clock for ADCs (Analog-to-Digital Converters). * **Phase-Locked Loops (PLL):** Used as the tunable element to lock onto an external reference signal. * **Set-top Boxes:** Synchronizing audio/video streams. --- ## 5. Manufacturing Context The "R" suffix in the part number usually indicates **Tape & Reel** packaging, signifying that the part is intended for automated high-speed SMT (Surface Mount Technology) assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency range for the M3V64T2AJ-R variant?
    • ⤷ How does the Voltage Control pin affect the frequency stability?
    • ⤷ Are there pin-compatible alternatives from other manufacturers like Epson or SiTime?