Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V64T2J-R

  • AI
    The **M3V64T2J-R** is a specific type of **VCXO (Voltage Controlled Crystal Oscillator)**. It is a precision electronic component used to generate a stable clock signal whose frequency can be slightly adjusted (tuned) by an external input voltage. --- ## 1. Component Specifications Below are the typical technical characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Package Type** | Surface Mount Device (SMD) | | **Package Size** | 5.0 x 3.2 mm (standard 6-pad) | | **Frequency Range** | Typically 1.5 MHz to 54.0 MHz (model dependent) | | **Supply Voltage (Vdd)** | 3.3V (standard for the 'V' series) | | **Output Type** | CMOS / HCMOS | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Functional Parts To understand how the M3V64T2J-R works, it is essential to look at its internal architecture: ### A. The Quartz Crystal The heart of the component is a high-purity quartz crystal. It provides the fundamental resonance required to keep the frequency stable against temperature changes and aging. ### B. The Varactor Diode This is the "Control" part of the VCXO. By applying a voltage to the **Control Voltage Pin (Pin 1)**, the capacitance of the internal varactor changes. This shifts the resonant frequency of the crystal slightly, allowing for fine-tuning. ### C. The Oscillator Circuit & Buffer Internal circuitry maintains the oscillation of the crystal and converts the analog resonance into a clean **Square Wave (CMOS)** output suitable for digital microprocessors and FPGAs. ### D. Tri-state Function (Enable/Disable) The "J" in the part number often signifies a specific pin configuration, usually including an Output Enable (OE) function. This allows the system to turn off the clock signal to save power without powering down the entire device. --- ## 3. Pin Configuration (Typical 6-Pad) | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | Vc | Voltage Control (Tuning voltage input) | | **2** | OE or NC | Output Enable or No Connection | | **3** | GND | Ground | | **4** | Output | The Clock Signal output | | **5** | NC | No Connection | | **6** | Vdd | Power Supply (3.3V) | --- ## 4. Common Applications * **Phase-Locked Loops (PLLs):** Used to synchronize two different clock signals. * **Telecommunications:** Adjusting bit-rates in networking equipment. * **Video Gear:** Synchronizing frames and audio/video signals. * **Data Acquisition:** Precise timing for high-speed ADC/DAC converters.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency pulling range for this VCXO?
    • ⤷ How does the 'Tri-state' function impact power consumption?
    • ⤷ What are the soldering layout recommendations for the 5.0x3.2mm package?