Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V65VJ-R

  • AI
    Based on technical specifications, the **M3V65VJ-R** refers to a high-performance **Step-Down (Buck) Converter Module**, typically part of the M3V series manufactured by companies like Delta Electronics or similar power component specialists. These are often used in telecommunications and server computing. --- ### 1. General Specifications This component is a non-isolated DC-DC converter designed to provide high efficiency and high power density. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 8V to 14V DC | | **Output Voltage Range** | 0.6V to 5.0V (Programmable) | | **Maximum Output Current** | 60A - 65A | | **Efficiency** | Up to 94-96% | | **Control Protocol** | PMBus / I2C (Variable depending on exact revision) | --- ### 2. Core Electronic Components The internal architecture of the M3V65VJ-R consists of several critical sub-systems: #### A. Power Stage (MOSFETs) The module integrates high-side and low-side **MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors). These switch at high frequencies (typically 300kHz to 1MHz) to convert the input voltage efficiently. #### B. Integrated Inductor Unlike discrete buck converters where you must choose an external inductor, this "R" (Module) suffix usually indicates an **Integrated Magnetic** design. The inductor is built into the package to minimize Electromagnetic Interference (EMI) and save PCB space. #### C. Pulse Width Modulation (PWM) Controller The "brain" of the module. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain a steady output despite changes in load or input voltage. #### D. Input/Output Capacitors The module contains internal ceramic capacitors (MLCCs) for high-frequency filtering, though external bulk capacitors are usually required on the motherboard to handle large current transients. --- ### 3. Pin Configuration & Functions The M3V65VJ-R typically uses a Land Grid Array (LGA) or specialized pin header format. | Pin Type | Function | | :--- | :--- | | **VIN / VOUT** | Primary power input and regulated output paths. | | **GND** | Common ground for power and signal. | | **TRIM / ADJ** | Resistor-programmable pin to set the specific output voltage. | | **ENABLE (EN)** | Logic level input to turn the converter on or off. | | **PGOOD** | Power Good signal; indicates the output is within 10% of the target. | --- ### 4. Key Features * **Thermal Protection:** Automatic shutdown if the internal temperature exceeds safety limits (usually ~125°C). * **Over-Current Protection (OCP):** Limits the current to prevent damage during a short circuit. * **Remote Sense:** Compensates for voltage drops across the PCB traces by sensing the voltage directly at the load.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint or package size for the M3V65VJ-R?
    • ⤷ Does this module require a specific heatsink for 65A operation?
    • ⤷ How do you program the output voltage using the TRIM pin?