Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M3V66V2CJ-R

  • AI
    ## Technical Analysis: M3V66V2CJ-R The **M3V66V2CJ-R** is a specific surface-mount electronic component, primarily identified as a **VCXO (Voltage Controlled Crystal Oscillator)**. These components are critical for frequency control and timing in high-speed digital systems. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the core electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | VCXO | Voltage Controlled Crystal Oscillator | | **Package Type** | SMD (6-pad) | Surface Mount Device, typically 7x5mm or 5x3.2mm | | **Supply Voltage** | 3.3V (Typical) | Indicated by the "V" in the prefix | | **Output Type** | CMOS / LVCMOS | Standard digital square wave output | | **Frequency Stability** | ±50ppm or ±25ppm | Varies based on specific sub-grading | | **Control Voltage** | 1.65V Center | Range usually 0.3V to 3.0V | | **Packaging** | Tape & Reel | The "-R" suffix indicates Tape and Reel delivery | --- ### 2. Electronic Functions & Terminology To understand how this part functions within a circuit, consider these three primary electronic aspects: #### A. Voltage Control (The "V") Unlike a fixed-frequency crystal, this part allows the output frequency to be "pulled" or adjusted slightly by changing the input voltage on a specific control pin. This is essential for **Phase-Locked Loops (PLLs)**. #### B. Frequency Generation It uses a quartz crystal resonator combined with an internal IC to generate a stable clock signal. The "66" in the part number often refers to the base frequency or a specific frequency code (e.g., 66.66 MHz). #### C. Output Logic The device provides a high-speed CMOS output, meaning it can drive other digital ICs (FPGAs, CPUs) directly without needing complex interface circuitry. --- ### 3. Pin Configuration (Typical 6-Pad SMD) | Pin # | Function | Description | | :--- | :--- | :--- | | **1** | Vc | Control Voltage (Frequency adjustment) | | **2** | E/D or NC | Enable/Disable (Tri-state) or No Connect | | **3** | GND | Circuit Ground | | **4** | Output | The generated clock signal | | **5** | NC | No internal connection | | **6** | Vdd | Power Supply (3.3V) | --- ### 4. Common Applications * **Telecommunications:** Synchronizing data streams in networking gear. * **Video Equipment:** Genlocking signals in broadcast hardware. * **Instrumentation:** Providing a tunable reference for test and measurement tools. * **Clock Recovery:** Used in circuits that need to "lock onto" an incoming data signal frequency. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the '66' code in this part number?
    • ⤷ Can you provide the physical dimensions for the CJ-R package style?
    • ⤷ What are the recommended decoupling capacitor values for the Vdd pin?