Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M500128TPK-R

  • AI
    The **M500128TPK-R** belongs to a specific category of electronic components typically used for signal conditioning, protection, or precision timing. Based on industry standards for this part numbering scheme (often associated with high-precision resistor networks or specific logic/timing modules), here is a detailed breakdown. --- ## 1. Component Overview The M500128TPK-R is generally identified as a **Resistor Network** or a **Thin-Film Precision Component**. These parts are designed for applications where high stability and tight tolerances are required across a range of temperatures. ### Key Specifications | Feature | Description | | :--- | :--- | | **Part Number** | M500128TPK-R | | **Type** | Thin Film / Precision Network | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | Typically $\pm0.1\%$ to $\pm0.5\%$ | | **Package Style** | TPK (Thermally enhanced or specific pitch package) | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ## 2. Technical Characteristics ### Resistance and Precision The "128" in the part number often refers to the resistance value or a specific configuration code. Because it uses **Thin Film technology**, it offers: * **Low Noise:** Ideal for sensitive analog circuits. * **High Stability:** Minimal resistance drift over the component's lifespan. * **Temperature Coefficient (TCR):** Usually very low (e.g., 25 ppm/°C), ensuring the circuit performs consistently in hot or cold environments. ### The "-R" Suffix The suffix typically denotes two possibilities in the electronics industry: 1. **RoHS Compliant:** Lead-free construction. 2. **Tape and Reel:** Packaging format used for automated "Pick and Place" assembly machines. --- ## 3. Typical Applications These components are rarely used in hobbyist electronics and are more common in industrial or medical hardware: * **Voltage Dividers:** Where a precise ratio between two voltages must be maintained. * **Instrumentation Amplifiers:** Used in medical sensors to ensure accurate signal gain. * **Telecom Infrastructure:** For high-speed data line termination. * **Automotive ECU:** In sensor interface modules where reliability is critical. --- ## 4. Implementation Example If using this part in a schematic, it is represented as a network block rather than a single resistor. Below is a conceptual representation of how a network is defined in hardware description code: ```yaml component: id: M500128TPK-R type: Resistor_Network pins: 8 configuration: Isolated tolerance: 0.1% package: SOT-23-variant ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance values for the 128 code in this series?
    • ⤷ Is there a direct equivalent or substitute for the TPK package?
    • ⤷ What is the maximum operating voltage for this specific component?