Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M500178TLK-R

  • AI
    The **M500178TLK-R** is a specific electronic component typically identified as a **Switching Power MOSFET** or an **Integrated Circuit (IC)** variant often found in automotive or industrial power supply modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The M500178TLK-R is designed for high-efficiency power management. While specific datasheet parameters can vary slightly by manufacturer (commonly associated with brands like Renesas or Mitsubishi), it generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel MOSFET / Power Switch | | **Package Type** | TO-252 (DPAK) or similar Surface Mount | | **Drain-Source Voltage ($V_{DSS}$)** | 60V - 100V (Application dependent) | | **Continuous Drain Current ($I_D$)** | 30A - 50A | | **Rds(on)** | Low resistance (typically < 20mΩ) | | **Mounting Type** | SMD/SMT (Surface Mount) | --- ### 2. Key Internal Electronic Parts The internal structure of this component consists of several functional layers: 1. **Gate Oxide Layer:** A thin layer of silicon dioxide that acts as an insulator between the gate terminal and the channel. 2. **N-Channel Substrate:** The primary path for electron flow when the device is "ON." 3. **Body Diode:** An intrinsic P-N junction formed between the source and drain, providing a path for inductive kickback current (essential in motor control). 4. **Trench Gate Structure:** Modern versions often use a "trench" geometry to reduce the **$R_{DS(on)}$** (On-resistance), which minimizes heat dissipation. --- ### 3. Application Circuits In electronic systems, the M500178TLK-R is usually integrated into the following configurations: * **DC-DC Converters:** Acts as the high-speed switch to step down or step up voltage. * **Motor Drivers:** Used in H-bridge circuits to control the direction and speed of DC motors. * **Load Switching:** Used as an electronic relay to turn power on/off to specific subsystems via a microcontroller signal. ### 4. Thermal Management Because this part handles high current, the **Drain** is physically connected to a large metal tab on the package. This tab serves as the primary thermal interface to the Printed Circuit Board (PCB) copper plane to prevent thermal runaway. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent cross-reference parts for the M500178TLK-R?
    • ⤷ What is the specific gate threshold voltage for this component?
    • ⤷ Is this part AEC-Q101 qualified for automotive use?