Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M50017DTLK-R

  • AI
    The **M50017DTLK-R** is a specialized power semiconductor module, typically categorized as a **Thyristor (SCR) / Diode Module**. These components are designed for high-power rectification and switching applications in industrial environments. --- ### 1. Key Technical Specifications While specific data can vary by manufacturer (often associated with brands like Mitsubishi or Powerex), the "M500" series generally follows these parameters: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Circuit Configuration** | Dual / Half-Bridge | Often contains two thyristors or a thyristor/diode pair. | | **Voltage Rating ($V_{RRM}$)** | 800V - 1600V | Maximum repetitive peak reverse voltage. | | **Current Rating ($I_{T(AV)}$)** | 170A - 200A | Average on-state current capacity. | | **Package Type** | Isolated Module | The mounting base is electrically isolated from the terminals. | | **Cooling** | Heatsink Required | Designed for chassis mounting with thermal paste. | --- ### 2. Internal Components & Structure The "DTLK" suffix usually identifies the internal wiring logic and terminal layout: * **Thyristors (SCRs):** Used to control high AC or DC power via a gate signal. * **Isolation Layer:** Features an Alumina (Al2O3) or Aluminum Nitride (AlN) substrate to ensure high dielectric strength between the internal circuit and the metal baseplate. * **Terminals:** Heavy-duty screw terminals (often labeled A1, K1, G1, etc.) to handle high current density without overheating. --- ### 3. Common Applications Due to its robust current handling, the M50017DTLK-R is found in: 1. **Industrial Motor Drives:** Soft starters and variable speed controllers. 2. **Power Supplies:** Large-scale DC power supplies and battery chargers. 3. **Welding Equipment:** High-current rectification for arc welders. 4. **Heating Control:** Proportional power control for industrial furnaces. --- ### 4. Installation & Safety Tips ```markdown * Thermal Management: Always use high-quality thermal grease (TIM) between the module base and the heatsink. * Torque Settings: Use a torque wrench to tighten terminals to manufacturer specs to prevent arcing or physical stress. * Snubber Circuits: It is highly recommended to use an RC snubber circuit across the device to protect against voltage spikes (dv/dt). ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout configuration for the DTLK series?
    • ⤷ How does this module compare to an IGBT module in power switching?
    • ⤷ What are the recommended snubber values for this thyristor?