Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M53_

  • AI
    The **M53** (often referring to the **M53 GSM/GPRS Module**) is a compact, industrial-grade wireless communication module. It is frequently used in M2M (Machine to Machine) applications and IoT devices for data transmission. --- ## 1. Core Technical Specifications The electronics of the M53 are designed for low power consumption and high reliability in cellular networks. | Feature | Specification | | :--- | :--- | | **Frequency Bands** | Quad-band: GSM 850, EGSM 900, DCS 1800, PCS 1900 MHz | | **Interface Type** | LCC (Leadless Chip Carrier) | | **Supply Voltage** | 3.3V to 4.5V (Typical: 3.8V) | | **Sensitivity** | -108 dBm | | **Data Rate** | GPRS Class 12 (Up to 85.6 kbps DL/UL) | --- ## 2. Key Electronic Components & Interfaces The M53 module integrates several critical electronic subsystems to facilitate wireless communication: ### A. Power Management Unit (PMU) * **VBAT Pin:** The primary power input. Because GSM bursts can draw high current (up to 2A), the circuit usually requires a large decoupling capacitor (e.g., 100μF to 470μF low-ESR). * **Power Key:** A digital input used to turn the module on or off via a high/low pulse. ### B. Communication Interfaces The module interacts with microcontrollers (like Arduino, ESP32, or STM32) through specific pins: * **UART (Universal Asynchronous Receiver-Transmitter):** Used for AT commands and data transfer. * **SIM Interface:** Supports 1.8V and 3.0V SIM cards with built-in ESD protection recommendations. * **GPIOs:** General Purpose Input/Output pins for status LEDs or triggering external sensors. ### C. RF Section * **Antenna Pin:** A 50-ohm impedance-matched trace is required on the PCB to connect the module to an external GSM antenna. * **RF Frontend:** Contains filters and power amplifiers to handle signal modulation across the four supported frequency bands. --- ## 3. Typical Application Circuit When designing electronics around the M53, the following schematic blocks are essential: ```mermaid graph LR A[Power Supply 3.8V] --> B[M53 Module] C[Microcontroller] -- AT Commands --> B B --> D[SIM Card Slot] B --> E[GSM Antenna] B --> F[Status LEDs] ``` ### Critical Design Notes: 1. **ESD Protection:** Adding TVS diodes on the SIM card data lines is vital to prevent static damage. 2. **Logic Level Shifting:** If using a 5V microcontroller, a voltage level shifter is required for the UART lines, as the M53 typically operates at **2.8V or 3.3V logic**. 3. **Heat Dissipation:** Although small, continuous GPRS transmission generates heat; the LCC package uses ground pads to sink heat into the PCB.
    ✨ Follow-up Questions
    • ⤷ What are the specific AT commands used to send an SMS with the M53?
    • ⤷ How do I calculate the trace impedance for the M53 antenna connection?
    • ⤷ Can the M53 module be used on 4G or 5G networks?