Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M586

  • AI
    The **M586** typically refers to a high-precision, industrial-grade **Stepper Motor Driver** (often associated with the Leadshine or similar clones) used in CNC machinery and automation. It is a digital microstepping driver designed to control 2-phase or 4-phase hybrid stepper motors. --- ## 1. Core Electronic Components The internal architecture of an M586 driver consists of several key electronic subsystems: | Component Category | Description | | :--- | :--- | | **Logic Controller** | A 32-bit DSP (Digital Signal Processor) that calculates current control and motion profiles. | | **Power MOSFETs** | High-efficiency H-Bridge transistors that switch the high-voltage power to the motor phases. | | **Optocouplers** | High-speed optical isolators (e.g., 6N137) that protect the internal logic from electrical noise on input signals. | | **Current Sense Resistors** | Precision low-ohm resistors used to monitor the output current in real-time. | | **Electrolytic Capacitors** | Large capacitors used for filtering voltage ripples and smoothing the DC bus. | --- ## 2. Technical Specifications Below are the typical electrical parameters for the M586 electronic driver: | Feature | Specification | | :--- | :--- | | **Input Voltage** | +20V to +50V DC | | **Output Current** | 0.5A to 5.6A (Peak) | | **Microstep Resolution** | 400 to 25,600 steps/rev (via DIP switches) | | **Pulse Frequency** | Up to 200 kHz | | **Control Signal Voltage** | 5V (requires resistors for 24V PLC signals) | --- ## 3. Interface and Connectivity The electronics are interfaced through two main terminal blocks: ### A. Control Signal Connector 1. **PUL+ / PUL- (Pulse):** Controls the speed and distance of the motor. 2. **DIR+ / DIR- (Direction):** Determines the clockwise or counter-clockwise rotation. 3. **ENA+ / ENA- (Enable):** Used to engage or release the motor's holding torque. ### B. Power and Motor Connector * **VDC / GND:** Power supply input. * **A+, A-, B+, B-:** Connections for the two phases of the stepper motor. --- ## 4. Key Electronic Features ### Anti-Resonance The DSP electronics analyze the back-EMF of the motor to suppress mechanical resonance, ensuring smooth motion at low speeds. ### Automatic Idle Current Reduction To prevent overheating, the driver electronics automatically reduce the current (usually by 50%) when the motor is not moving. ### Protection Circuitry The M586 includes integrated hardware protection against: * **Over-voltage** * **Over-current** * **Short-circuit** (Phase-to-Phase or Phase-to-Ground) ---
    ✨ Follow-up Questions
    • ⤷ How do you set the DIP switches on an M586 for a specific current?
    • ⤷ What is the difference between the M586 and the DM556 driver?
    • ⤷ Can I use an M586 driver with a NEMA 34 motor?