Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M58655P

  • AI
    The **M58655P** is a legacy integrated circuit (IC) primarily designed as an **Electrically Erasable Programmable Read-Only Memory (EEPROM)**. It was commonly manufactured by Mitsubishi and used in consumer electronics during the 1980s and 1990s, particularly in television tuning circuits to store channel presets. --- ### 1. Technical Specifications The M58655P is a serial-access memory chip. Below are its primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 512-bit (organized as 32 words × 16 bits) | | **Technology** | MNOS (Metal-Nitride-Oxide-Semiconductor) | | **Package Type** | DIP-8 (Dual In-line Package, 8 pins) | | **Operating Voltage** | Typically -30V (requires high negative voltage for programming) | | **Interface** | Serial (Clock, Data, and Control lines) | --- ### 2. Pin Configuration The device uses a standard 8-pin layout. Understanding these pins is crucial for interfacing with modern microcontrollers. | Pin Number | Symbol | Description | | :---: | :--- | :--- | | 1 | **Vss** | Ground (0V) | | 2 | **Vgg** | Gate Supply Voltage (typically -28V to -30V) | | 3 | **Vdd** | Negative Supply Voltage (typically -12V to -15V) | | 4 | **CS** | Chip Select | | 5 | **CLK** | Serial Clock Input | | 6 | **D-I/O** | Data Input / Output (Serial) | | 7 | **C-1** | Control Terminal 1 | | 8 | **C-2** | Control Terminal 2 | --- ### 3. Key Operational Features * **Non-Volatile Storage:** It retains data even after power is removed, which was essential for TV tuners to "remember" channels. * **High Voltage Requirement:** Unlike modern EEPROMs (like the 24C02) which run on 3.3V or 5V, the M58655P requires a **negative high-voltage supply** (around -30V) to perform erase and write operations. * **MNOS Technology:** It uses older Metal-Nitride-Oxide-Semiconductor technology, which is slower and requires more complex power management than modern CMOS-based Flash or EEPROM. --- ### 4. Implementation Example If you were interfacing this with a modern system (e.g., an Arduino), you would need a level shifter because the chip operates on negative logic levels. ```cpp // Pseudocode for Bit-Banging M58655P (Requires Voltage Shifting) void writeBit(int bit) { digitalWrite(CLK_PIN, LOW); digitalWrite(DATA_PIN, bit); delayMicroseconds(10); // Specific timing per datasheet digitalWrite(CLK_PIN, HIGH); } ``` --- ### 5. Common Use Cases 1. **Vintage TV Sets:** Storing analog tuning voltages for stations. 2. **Radio Receivers:** Frequency presets. 3. **Early Industrial Controllers:** Small parameter storage.
    ✨ Follow-up Questions
    • ⤷ What are the modern equivalents or replacements for the M58655P?
    • ⤷ How do I generate the -30V required for programming this IC?
    • ⤷ Can you explain the timing diagram for the Read operation of this chip?