Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5CT-16-R

  • AI
    The **M5CT-16-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current transformer module (often associated with manufacturers like Eaton/Coiltronics or similar high-reliability power component providers). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The "M5CT" series is generally designed for high-density power applications. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Transformer | | **Inductance Range** | Typically 16µH (nominal) | | **Current Rating** | High Current (DC saturation dependent on specific size) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Packaging** | Tape & Reel ("-R" suffix indicates RoHS compliance/Tape & Reel) | | **Operating Temp** | -40°C to +125°C (standard industrial grade) | --- ## 2. Key Electronic Parts & Construction The component is built using several specialized materials to handle high power in a small footprint: ### A. Core Material * **Ferrite or Powdered Iron:** The internal core is designed for low core losses at high frequencies. This allows the part to be used in DC-DC converters without excessive heat buildup. * **Magnetic Shielding:** Most parts in this series are shielded to prevent Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB. ### B. Winding (Coil) * **Copper Wire:** Uses high-temperature enameled copper wire. * **Flat Wire Technology:** In many high-current versions, flat wire is used instead of round wire to increase the cross-sectional area, reducing DC Resistance (DCR) and improving efficiency. ### C. Termination (Leads) * **Plating:** Usually Matte Tin over Nickel. * **Solderability:** Designed for lead-free reflow soldering profiles. --- ## 3. Typical Applications The M5CT-16-R is commonly found in the following electronic circuits: 1. **Voltage Regulator Modules (VRM):** Used in servers and workstations to step down voltage for CPUs. 2. **Point-of-Load (POL) Converters:** Providing localized power on complex motherboards. 3. **Solar Inverters:** Handling energy storage and filtration in compact power electronics. 4. **Battery Management Systems (BMS):** Used for filtering noise in high-current charging paths. --- ## 4. Understanding the Part Number * **M5CT:** The Series designation (indicates physical size and core style). * **16:** The Inductance value or a size code (16 can represent 16µH or a 16mm footprint depending on the manufacturer's specific catalog). * **-R:** Indicates **RoHS Compliance** (Lead-free) and **Tape & Reel** packaging for automated pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M5CT-16-R?
    • ⤷ Are there alternative cross-reference parts for this inductor?
    • ⤷ What is the typical DC Resistance (DCR) for this component?