Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5MS-0-R/K

  • AI
    The **M5MS-0-R/K** is a specific series of miniature precision magnetic sensors, typically produced by manufacturers like **Magnescale** (formerly Sony Precision Technology). These sensors are primarily used for high-resolution position detection in industrial automation and CNC machinery. --- ### 1. Technical Specifications The "M5MS" series belongs to the **Magnescale** family of magnetic encoders. Below are the typical electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | Magnetic Bridge / MR (Magneto-Resistive) | | **Output Signal** | Sinusoidal (Sin/Cos) Analog signals | | **Input Voltage** | Typically 5V DC ± 5% | | **Resolution** | Depends on the interpolation electronics (Interpolators) | | **Operating Temp** | 0°C to 45°C (Standard industrial range) | | **Accuracy** | High precision (Micro-meter level) | ### 2. Key Components & Working Principle The electronic functionality of the M5MS-0-R/K relies on several integrated parts: 1. **MR Elements (Magneto-Resistive):** The "head" contains thin-film resistors whose resistance changes when exposed to a magnetic field. 2. **Magnetic Scale:** The sensor reads a specialized magnetic tape or rod (e.g., MSS-series) that has alternating North/South poles at precise intervals (e.g., 200μm or 400μm pitch). 3. **Signal Conditioning:** Internal circuitry balances the bridge output to ensure a stable 1Vp-p or similar differential signal, reducing electrical noise. ### 3. Part Number Breakdown (Typical) * **M5MS:** Series designation (Miniature Magnetic Sensor). * **0:** Often indicates the cable length or specific mounting style (Standard). * **R / K:** Indicates the output connector type or cable orientation (Right-angle vs. Straight) and specific impedance matching. ### 4. Application Integration Because these sensors output raw analog sine/cos waves, they cannot be plugged directly into a standard PLC input. They require: * **Interpolators:** To convert the analog waves into digital A/B Phase pulses (TTL). * **Shielded Cabling:** Crucial to prevent EMI (Electromagnetic Interference) from motors affecting the high-precision readings. --- ### Connection Schematic Example ```c [ Magnetic Scale ] <--- [ M5MS Sensor Head ] === (Shielded Cable) ===> [ Interpolator/Counter ] ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible interpolators for the M5MS series?
    • ⤷ How do I troubleshoot a weak signal output from a magnetic sensor?
    • ⤷ What is the difference between the R and K suffix in Magnescale parts?