Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R13RH-R

  • AI
    The **M5R13RH-R** is a specific surface-mount (SMD) high-current power inductor, typically manufactured by companies like **Coilcraft** (part of the SER or MSS series clones) or specialized magnetic component vendors. These are designed for high-density power applications where low DC resistance and high saturation currents are required. --- ### 1. Technical Specifications Below are the typical electronic characteristics for the M5R13RH-R series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 1.3 | µH | | **Tolerance** | ±20% | % | | **Saturation Current (Isat)** | 15 - 22 | Amps | | **Heating Current (Irms)** | 12 - 18 | Amps | | **DC Resistance (DCR)** | 3.5 - 5.5 | mΩ | | **Operating Temperature** | -40 to +125 | °C | --- ### 2. Core Components & Construction The M5R13RH-R is built using specific materials to handle high power in a small footprint: * **Magnetic Core:** Usually composed of a **Manganese-Zinc (MnZn)** or **Metal Alloy Powder**. Metal alloy cores are preferred for "soft saturation" characteristics, meaning the inductance doesn't drop off abruptly when current increases. * **Winding:** Uses heavy-gauge flat or round copper wire. Flat wire construction reduces "Skin Effect" losses at high frequencies. * **Shielding:** It is a **shielded inductor**. The magnetic field is contained within the component body, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Terminals:** Lead-free (RoHS compliant) tin-plated copper pads for reliable SMD soldering. --- ### 3. Key Electronic Functions In a circuit, this part serves three primary roles: 1. **Energy Storage:** In DC-DC buck or boost converters, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Ripple Filtering:** It smoothes out the high-frequency switching noise from power supplies to provide a steady DC voltage to sensitive components (CPUs, GPUs). 3. **Inrush Current Limiting:** It provides impedance against sudden changes in current, protecting the circuit during startup. --- ### 4. Common Applications Due to its high current rating and low DCR, you will find this part in: * **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards. * **Servers & Data Centers:** High-efficiency power modules. * **Battery Powered Systems:** Where low DCR is critical to extending battery life by reducing heat loss ($P = I^2R$). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Isat and Irms in this inductor?
    • ⤷ Can this inductor be used in automotive high-temperature environments?
    • ⤷ How does the flat-wire design improve performance over round-wire inductors?