Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R13RL-R

  • AI
    The **M5R13RL-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** high-frequency inductor or power inductor, often produced by manufacturers like Sumida or similar specialized magnetics firms. These parts are critical in power management and signal filtering. --- ### 1. Technical Specifications The following table outlines the typical characteristics found in the M5R series inductors: | Feature | Description | | :--- | :--- | | **Component Type** | SMD Power Inductor / Fixed Inductor | | **Mounting Type** | Surface Mount (SMT) | | **Material** | Ferrite Core (usually shielded) | | **Tolerance** | Typically ±20% | | **Operating Temp** | -40°C to +105°C (Standard range) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Part Number Breakdown Electronic components follow a specific nomenclature. Here is how to interpret the code **M5R13RL-R**: * **M5R**: Series designation. This defines the physical size and the core material used. * **13**: Size identifier (Refers to the footprint dimensions, e.g., 5.0mm height or specific length/width). * **RL**: Refers to the winding style or low-resistance (Low DCR) characteristics. * **-R**: Indicates **Tape & Reel** packaging, which is standard for automated "pick and place" assembly lines. --- ### 3. Key Electronic Functions Inductors like the M5R13RL-R serve three primary purposes in a circuit: 1. **Energy Storage:** In DC-DC converters (Buck/Boost), they store energy in a magnetic field during the switching cycle. 2. **Filtering:** They block high-frequency AC noise while allowing DC to pass, acting as a "choke." 3. **Voltage Regulation:** They help smooth out ripple current in power supply outputs to provide steady voltage to sensitive chips (CPUs, GPUs). --- ### 4. Common Applications * **Consumer Electronics:** Laptops, tablets, and gaming consoles. * **Telecommunications:** Base stations and network routers. * **Power Modules:** Point-of-Load (POL) converters. * **Automotive:** Infotainment systems and LED lighting drivers. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the 13RL variant?
    • ⤷ How does the 'shielded' nature of this inductor affect EMI?
    • ⤷ What are the footprint dimensions for the M5R series?