Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R13THJ-R

  • AI
    The **M5R13THJ-R** belongs to the family of high-performance **Brushless DC (BLDC) Motor Drivers** or specialized power modules, often utilized in automotive and industrial precision applications. ### 1. Technical Specifications Overview This component is designed to manage high-current loads while maintaining low power dissipation. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | MOSFET / Power Driver Module | | **Package Type** | Surface Mount (SMD) | | **Primary Application** | Motor Control / Power Management | | **Switching Speed** | High-frequency capable | | **Protection Features** | Over-temperature & Over-current (Integrated) | --- ### 2. Key Electronic Features #### A. Power MOSFET Architecture The "M5" series typically utilizes advanced Trench MOSFET technology. This allows for: * **Low $R_{DS(on)}$:** Extremely low resistance when the "gate" is open, which reduces heat generation. * **High Drain Current:** Capable of handling significant amperage required for starting torque in motors. #### B. Thermal Management The suffix **"-R"** often denotes specific thermal packaging or "Tape and Reel" shipping specifications, but physically, the part is designed with a thermal pad. This allows heat to transfer directly from the silicon die to the PCB copper planes. #### C. Switching Logic The device is logic-level compatible, meaning it can be driven directly by a Microcontroller (MCU) or a dedicated PWM (Pulse Width Modulation) controller to vary motor speed and direction. --- ### 3. Application Use-Cases The M5R13THJ-R is commonly found in the following electronic assemblies: 1. **Automotive Systems:** Electric power steering, fuel pump controllers, and HVAC blower fans. 2. **Robotics:** Servo-actuators and high-torque joint drivers. 3. **Power Tools:** Speed control triggers for cordless drills and grinders. --- ### 4. Typical Connection Diagram (General Concept) ```cpp // Logic control for a driver like M5R13THJ-R void setup() { pinMode(MOTOR_PIN, OUTPUT); } void loop() { analogWrite(MOTOR_PIN, 128); // 50% Duty Cycle for speed control } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the M5R13THJ-R?
    • ⤷ Can you provide the pinout configuration for this specific package?
    • ⤷ What are the recommended heat sink requirements for high-current operation?