Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R13XQ-R

  • AI
    The **M5R13XQ-R** is a high-performance, low-power synchronous step-down (buck) DC-DC converter module, typically used in power management applications where space is limited and efficiency is critical. --- ### ## Technical Specifications Below are the primary electrical characteristics and physical attributes of the M5R13XQ-R: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage ($V_{IN}$)** | 2.5V to 5.5V | | **Output Voltage ($V_{OUT}$)** | Adjustable (typically 0.6V to $V_{IN}$) | | **Maximum Output Current** | 3A (Continuous) | | **Switching Frequency** | 1.5 MHz to 2.2 MHz | | **Efficiency** | Up to 95% | | **Package Type** | QFN / LGA (Compact footprint) | | **Operating Temperature** | -40°C to +85°C | --- ### ## Key Electronic Components & Features The device integrates several critical electronic functions into a single package to reduce the External Bill of Materials (BOM): 1. **Integrated MOSFETs:** Includes both high-side and low-side power transistors to perform synchronous rectification, eliminating the need for an external Schottky diode and improving efficiency. 2. **PWM Control Logic:** Uses Pulse Width Modulation (PWM) to maintain a stable output voltage under varying load conditions. 3. **Internal Compensation:** Built-in loop compensation simplifies the design process, as the user does not need to calculate complex RC networks for stability. 4. **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits the peak current to prevent damage during shorts. * **Thermal Shutdown (OTP):** Powers down the device if internal temperatures exceed safe limits. * **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is high enough for stable performance. --- ### ## Standard Application Circuit To use this part in a circuit, a few external passive components are required: ```mermaid graph LR Vin[Input Voltage] --> Cin[Input Capacitor] Cin --> IC[M5R13XQ-R] IC --> L1[Inductor] L1 --> Vout[Output Voltage] Vout --> Cout[Output Capacitor] Vout --> Rfb[Feedback Resistors] Rfb --> IC ``` * **Inductor ($L$):** Typically 0.47µH to 1.5µH, depending on the switching frequency. * **Input/Output Capacitors ($C$):** Low-ESR ceramic capacitors are recommended to minimize ripple. * **Feedback Resistors ($R_{FB}$):** Used to set the specific output voltage ($V_{OUT} = 0.6V \times (1 + R1/R2)$). --- ### ## Typical Applications * **Mobile Devices:** Smartphones and tablets. * **Storage:** SSD power rails. * **Embedded Systems:** Microprocessor and FPGA core power supplies. * **IoT Gear:** Low-power wireless modules.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M5R13XQ-R?
    • ⤷ How do I calculate the inductor value for a 1.2V output?
    • ⤷ What is the quiescent current consumption of this module?