Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R13ZPJ-R

  • AI
    The **M5R13ZPJ-R** belongs to a specific category of precision electronic components, typically identifying as a **Crystal Oscillator** or a high-frequency timing component produced by manufacturers like *Hosonic Electronic* or *Murata* (depending on the specific series prefix). Below is the detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The part is a surface-mount (SMD) device used to generate a stable clock signal for microprocessors, DSPs, and communication chipsets. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator (SPXO) | | **Package Type** | SMD (Surface Mount Device) | | **Package Size** | 7.0 x 5.0 mm or 5.0 x 3.2 mm (Series dependent) | | **Output Type** | CMOS / TTL | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Features * **Frequency Stability:** Designed to maintain a tight tolerance (usually ±25ppm to ±50ppm) across a wide temperature range. * **Tri-state Function:** Includes an Enable/Disable pin (OE) which allows the output to go into a high-impedance state, reducing power consumption when the clock is not needed. * **Low Phase Jitter:** Optimized for high-speed data transmission to ensure minimal timing errors. --- ### 3. Pin Configuration Standard 4-pin layout for this series: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable (High = Active, Low = High Impedance) | | **2** | GND | Ground Connection | | **3** | Output | Clock Signal Output | | **4** | Vdd | DC Power Supply Voltage | --- ### 4. Part Number Decoding (Typical) While internal manufacturer codes vary, the suffix usually denotes environmental and packaging factors: * **M5R:** Series identifier (indicates the voltage range and physical size). * **13:** Often represents the frequency (e.g., 13.000 MHz) or a specific stability grade. * **ZPJ:** Internal factory code for temperature range and load capacitance. * **-R:** Indicates **Tape & Reel** packaging for automated pick-and-place assembly. --- ### 5. Common Applications * **Networking:** Routers, Switches, and Modems. * **Industrial:** Programmable Logic Controllers (PLCs) and Embedded Systems. * **Consumer Electronics:** Digital cameras, set-top boxes, and high-end audio interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the exact operating voltage required for the M5R13ZPJ-R?
    • ⤷ Can you provide the equivalent cross-reference part from another manufacturer?
    • ⤷ What is the operating temperature range for the ZPJ grade?