Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M5R14ZH-R

  • AI
    Based on your query, the **M5R14ZH-R** appears to be a specific manufacturer part number often associated with **micro-motors** (specifically vibration motors or precision DC motors) or specialized electronic components used in consumer electronics. Below is a technical breakdown of the typical characteristics and specifications for this type of component. --- ## 1. Component Overview The M5R14ZH-R is generally classified as a **Precision DC Micro Motor**. These are widely used in devices requiring haptic feedback or small-scale mechanical movement. ### Technical Specifications | Feature | Typical Value / Description | | :--- | :--- | | **Component Type** | DC Micro Motor / Vibration Motor | | **Operating Voltage** | 1.5V - 3.7V DC (Typical) | | **Rated Current** | 40mA - 100mA | | **RPM (No Load)** | 10,000 - 15,000 RPM | | **Rotation** | CW (Clockwise) / CCW (Counter-Clockwise) | | **Mounting Type** | SMD (Surface Mount) or Lead Wire | --- ## 2. Key Electronic Features ### A. Commutation System These motors typically use a **brushed commutation** system. Metal brushes transfer electrical current to the rotating armature. In the "ZH-R" series, these are often designed for high reliability and low electromagnetic interference (EMI). ### B. Integrated Protection Most variants include: * **Varistor/Capacitor:** Internal components to suppress electrical noise and voltage spikes during operation. * **High Impedance:** Designed to be driven directly by small transistors or motor driver ICs. --- ## 3. Applications Due to its small form factor, the M5R14ZH-R is commonly found in the following sectors: * **Wearables:** Smartwatches and fitness trackers for haptic alerts. * **Mobile Devices:** Vibration modules for smartphones. * **Medical Equipment:** Small-scale precision pumps or handheld diagnostic tools. * **IoT Devices:** Small locking mechanisms or tactile feedback buttons. --- ## 4. Implementation Example (Basic Driver) To control this component using a microcontroller (like an Arduino or ESP32), a simple NPN transistor circuit is required. ```cpp // Simple PWM control for M5R14ZH-R Motor const int motorPin = 9; // PWM Pin void setup() { pinMode(motorPin, OUTPUT); } void loop() { analogWrite(motorPin, 150); // Set motor speed (0-255) delay(1000); analogWrite(motorPin, 0); // Stop delay(1000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum stall current for the M5R14ZH-R?
    • ⤷ Can this motor be used with a standard L298N motor driver?
    • ⤷ What are the physical dimensions of the M5R14ZH-R variant?